Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 1 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 1 Page - Sony Corporation

  GXB2000 Datasheet HTML 1Page - Sony Corporation GXB2000 Datasheet HTML 2Page - Sony Corporation GXB2000 Datasheet HTML 3Page - Sony Corporation GXB2000 Datasheet HTML 4Page - Sony Corporation GXB2000 Datasheet HTML 5Page - Sony Corporation GXB2000 Datasheet HTML 6Page - Sony Corporation GXB2000 Datasheet HTML 7Page - Sony Corporation GXB2000 Datasheet HTML 8Page - Sony Corporation GXB2000 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
16-Channel GPS Receiver Module
Description
The GXB2000 is a 16-channel GPS receiver module. The GXB2000 is a small and light device, and it
includes all the functions required for GPS except for the antenna.
The GXB2000 can be support the various kinds of the portable applications as well as the car navigation system.
Features
• 16-channel GPS receiver capable of simultaneously receiving 16 satellites
• All-in-view measurement
• 2-satellite measurement
• D-GPS (Differential GPS)
RTCM
SC104 version 2.1
DARC
BTA R-003 standard
• Low current consumption (270mW, Typ)
• Small and light package type
• The countermeasure of EMI (electromagnetic wave impediment)
Recommended Operating Conditions
• Supply voltage (3V spec.)
VDD
3.0 to 3.6
V
(5V spec.)
VCC
4.5 to 5.5
V
• Operating temperature
Topr
–40 to +85
°C
GPS (Global Positioning System) is the position measurrment system that the U.S. control and operate. It have some posibility of
the position measurement deterioration that depends on the working GPS.
It dose not gurantee the standard,etc in this material including the case above.
– 1 –
E99658-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
GXB2000


Similar Part No. - GXB2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GXB2000 ETC-GXB2000 Datasheet
185Kb / 2P
Industry?셲 Smallest GPS Receiver Module
More results

Similar Description - GXB2000

ManufacturerPart #DatasheetDescription
logo
Epson Company
S4E39860 EPSON-S4E39860 Datasheet
28Kb / 2P
GPS Receiver Module
logo
List of Unclassifed Man...
ITRAX02 ETC2-ITRAX02 Datasheet
871Kb / 2P
GPS RECEIVER MODULE
ITRAX03 ETC2-ITRAX03 Datasheet
195Kb / 2P
OEM GPS Receiver Module
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
GPS Receiver Module
ORG4400 ETC-ORG4400 Datasheet
1Mb / 36P
GPS RECEIVER MODULE DATASHEET
Revision 1.0 March 10, 2015
logo
Yuechung International ...
YIC31612EBGG YIC-YIC31612EBGG Datasheet
1Mb / 18P
GPS & GLONASS Receiver Module
YIC51009EBGB YIC-YIC51009EBGB Datasheet
1Mb / 16P
GPS & BDS Receiver Module
YIC51009EBGG-33 YIC-YIC51009EBGG-33 Datasheet
1Mb / 16P
GPS & GLONASS Receiver Module
YIC51513EBGB-33 YIC-YIC51513EBGB-33 Datasheet
515Kb / 18P
GPS & BDS Receiver Module
YIC51513EBGG-33 YIC-YIC51513EBGG-33 Datasheet
629Kb / 17P
GPS & GLONASS Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com