Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 46 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 46 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 42Page - Sony Corporation GXB2000 Datasheet HTML 43Page - Sony Corporation GXB2000 Datasheet HTML 44Page - Sony Corporation GXB2000 Datasheet HTML 45Page - Sony Corporation GXB2000 Datasheet HTML 46Page - Sony Corporation GXB2000 Datasheet HTML 47Page - Sony Corporation GXB2000 Datasheet HTML 48Page - Sony Corporation GXB2000 Datasheet HTML 49Page - Sony Corporation GXB2000 Datasheet HTML 50Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
SS-17
GXB2000
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
53
54
55
56
57
58
59
60
61
62
63
64
65
66
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
00101010
xxxxxxxx
xxxxxxxx
00001101
00001010
HDOP
10's digit
1's digit
" . "
0.1's digit
" , "
VDOP
10's digit
1's digit
" . "
0.1's digit
"
∗ "
Checksum
Hexadecimal upper digits
Hexadecimal lower digits
Terminator
<CR>
<LF>
1.2
Fixed
2.0
Fixed
4A
Fixed
30
31
2E
32
2C
30
32
2E
30
2A
34
41
0D
0A
Example
The data length for "Satellite Nos. used for measurement" is variable in order to output the numbers of all the
satellites used for position measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com