Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 16 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 16 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 12Page - Sony Corporation GXB2000 Datasheet HTML 13Page - Sony Corporation GXB2000 Datasheet HTML 14Page - Sony Corporation GXB2000 Datasheet HTML 15Page - Sony Corporation GXB2000 Datasheet HTML 16Page - Sony Corporation GXB2000 Datasheet HTML 17Page - Sony Corporation GXB2000 Datasheet HTML 18Page - Sony Corporation GXB2000 Datasheet HTML 19Page - Sony Corporation GXB2000 Datasheet HTML 20Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
S-8
GXB2000
1-2-3. Almanac data output
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
1
2
·
·
·
·
·
44
45
10100100
0xxxxxxx
·
·
·
·
·
0xxxxxxx
11011010
Header
Terminator. "Z" + 80H
—
A4
DA
Example
After the receiver receives an almanac output request, it transmits a response and then outputs the almanac
data. The above format is for 1 subframe of the almanac data, and 64 frames of this data are sent in
succession. Almanac communication data is sent by dividing the original data into 7-bit sections.
The almanac data stored in the GPS receiver memory has the configuration shown below. Normally each word
of the almanac data has 6-bit parity, but this is eliminated when the data is stored in the memory. In addition, a
16-bit checksum is added in consideration of communication.
WORD1
24 bits
WORD2
24 bits
WORD3
24 bits
WORD4
24 bits
WORD5
24 bits
WORD6
24 bits
WORD7
24 bits
WORD8
24 bits
WORD9
24 bits
WORD10
24 bits
Checksum
16 bits
The relationship between the above
data and the communication data is
shown to the right.
(1) Relationship between word data and communication data
23
Before conversion
After conversion
31
0
0
0
0
0
0 0 0 0
0
15
Before conversion
After conversion
23
0
0
0
0
0 0 0 0 0
0
(2) Relationship between checksum and communication data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com