Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 50 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 50 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 46Page - Sony Corporation GXB2000 Datasheet HTML 47Page - Sony Corporation GXB2000 Datasheet HTML 48Page - Sony Corporation GXB2000 Datasheet HTML 49Page - Sony Corporation GXB2000 Datasheet HTML 50Page - Sony Corporation GXB2000 Datasheet HTML 51Page - Sony Corporation GXB2000 Datasheet HTML 52Page - Sony Corporation GXB2000 Datasheet HTML 53Page - Sony Corporation GXB2000 Datasheet HTML 54Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
SS-21
GXB2000
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
01001100
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
01001100
00101010
xxxxxxxx
xxxxxxxx
00001101
00001010
" , "
Longitude direction
"E" or "W"
" , "
Speed (knots)
100's digit
10's digit
1's digit
" . "
0.1's digit
" , "
Heading (°)
100's digit
10's digit
1's digit
" . "
0.1's digit
" , "
Date
10's digit
1's digit
Month
10's digit
1's digit
Year
10's digit
1's digit
" , "
" , "
"
∗ "
Checksum
Hexadecimal upper digits
Hexadecimal lower digits
Terminator
<CR>
<LF>
Fixed
West longitude
Fixed
20knot/h
Fixed
48.5°
Fixed
July 13, 1999
Fixed
Fixed
Fixed
4A
Fixed
2C
57
2C
30
32
30
2E
30
2C
30
34
38
2E
35
2C
31
33
30
37
39
39
2C
2C
2A
34
41
0D
0A
Example
The Magnetic Variation parameter is not output.
(between No. 58 and No. 59, and between No. 59 and No. 60)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com