Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 53 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 53 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 49Page - Sony Corporation GXB2000 Datasheet HTML 50Page - Sony Corporation GXB2000 Datasheet HTML 51Page - Sony Corporation GXB2000 Datasheet HTML 52Page - Sony Corporation GXB2000 Datasheet HTML 53Page - Sony Corporation GXB2000 Datasheet HTML 54Page - Sony Corporation GXB2000 Datasheet HTML 55Page - Sony Corporation GXB2000 Datasheet HTML 56Page - Sony Corporation GXB2000 Datasheet HTML 57Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
SS-24
GXB2000
2-1-7. GPZDA message
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
00100100
01000111
01010000
01011010
01000100
01000001
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
01001100
00101010
xxxxxxxx
xxxxxxxx
00001101
00001010
Header
"$"
Address field
"G"
"P"
"Z"
"D"
"A"
" , "
UTC time
Hour (10's digit)
Hour (1's digit)
Minute (10's digit)
Minute (1's digit)
Second (10's digit)
Second (1's digit)
" , "
Date
10's digit
1's digit
" , "
Month
10's digit
1's digit
" , "
Year
10's digit
1's digit
" , "
" , "
"
∗ "
Checksum
Hexadecimal upper digits
Hexadecimal lower digits
Terminator
<CR>
<LF>
Fixed
Fixed
Fixed
06:22:43
Fixed
13th
Fixed
July
Fixed
1999
Fixed
Fixed
Fixed
4A
Fixed
24
47
50
5A
44
41
2C
00
36
32
32
34
33
2C
31
33
2C
30
37
2C
39
39
2C
2C
2A
34
41
0D
0A
Example
The Local Zone Description parameter is not output.
(between No. 23 and No. 24, and between No. 24 and No. 25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com