Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 60 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 60 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 52Page - Sony Corporation GXB2000 Datasheet HTML 53Page - Sony Corporation GXB2000 Datasheet HTML 54Page - Sony Corporation GXB2000 Datasheet HTML 55Page - Sony Corporation GXB2000 Datasheet HTML 56Page - Sony Corporation GXB2000 Datasheet HTML 57Page - Sony Corporation GXB2000 Datasheet HTML 58Page - Sony Corporation GXB2000 Datasheet HTML 59Page - Sony Corporation GXB2000 Datasheet HTML 60Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
SS-31
GXB2000
3-3. DARC Data Input
DARC data is output in the communication format noted below. The D-GPS basic data is located in the D-GPS
segments. The D-GPS basic data is comprised of 288 bits (36 bytes).
The D-GPS basic data configuration is as follows.
The GPS satellite correction data configuration is as follows.
Data packet 1
22 bytes
Data packet 2
22 bytes
Checksum
1 byte
Terminator
1 byte
Prefix
4 bytes
Bit position
1 to 3
4
5 to 38
39 to 72
73 to 106
107 to 140
141 to 174
175 to 208
209 to 242
243 to 276
277 to 288
Description
D-GPS data ID
Correction time
1st GPS satellite correction data
2nd GPS satellite correction data
3rd GPS satellite correction data
4th GPS satellite correction data
5th GPS satellite correction data
6th GPS satellite correction data
7th GPS satellite correction data
8th GPS satellite correction data
Communication data
Number of bits
3 bits
1 bit
34 bits
34 bits
34 bits
34 bits
34 bits
34 bits
34 bits
34 bits
12 bits
D-GPS
segment
18 bytes
Prefix
2 bytes
D-GPS
segment
18 bytes
CRC
2 bytes
xxh
0Dh
Bit position
1
2 to 3
4 to 8
9 to 19
20 to 26
27 to 34
Description
Scale factor
UDRE (User differential range error index)
GPS satellite ID
PRC (Pseudorange correction value)
RRC (Pseudorange rate-of-change correction value)
IODE (Ephemeris data issue No.)
Number of bits
1 bit
2 bits
5 bits
11 bits
7 bits
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com