Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 54 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 54 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 50Page - Sony Corporation GXB2000 Datasheet HTML 51Page - Sony Corporation GXB2000 Datasheet HTML 52Page - Sony Corporation GXB2000 Datasheet HTML 53Page - Sony Corporation GXB2000 Datasheet HTML 54Page - Sony Corporation GXB2000 Datasheet HTML 55Page - Sony Corporation GXB2000 Datasheet HTML 56Page - Sony Corporation GXB2000 Datasheet HTML 57Page - Sony Corporation GXB2000 Datasheet HTML 58Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
SS-25
GXB2000
2-1-8. PSNY message (manufacturer expanded output)
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
00100100
01010000
01010011
01011110
01011001
01001100
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
Header
"$"
Address field
"P"
"S"
"N"
"Y"
" , "
Preamplifier status
"0": Normal
"1": Open
"2": Shorted
" , "
Geodesic system
"0" to "25"
" , "
Angle of elevation limit (°)
10's digit
1's digit
" , "
Speed limit (km/h)
100's digit
10's digit
1's digit
" , "
PDOP limit (D-GPS on)
10's digit
1's digit
" , "
HDOP limit (D-GPS on)
10's digit
1's digit
" , "
PDOP limit (D-GPS off)
10's digit
1's digit
" , "
HDOP limit (D-GPS off)
10's digit
1's digit
Fixed
Fixed
Fixed
Open
Fixed
WGS-84
Fixed
5°
Fixed
500km/h
Fixed
4
Fixed
6
Fixed
4
Fixed
6
24
50
53
5E
49
2C
31
2C
30
30
2C
30
35
2C
35
30
30
2C
30
34
2C
30
36
2C
30
34
2C
30
36
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com