Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 14 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 14 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 10Page - Sony Corporation GXB2000 Datasheet HTML 11Page - Sony Corporation GXB2000 Datasheet HTML 12Page - Sony Corporation GXB2000 Datasheet HTML 13Page - Sony Corporation GXB2000 Datasheet HTML 14Page - Sony Corporation GXB2000 Datasheet HTML 15Page - Sony Corporation GXB2000 Datasheet HTML 16Page - Sony Corporation GXB2000 Datasheet HTML 17Page - Sony Corporation GXB2000 Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
S-6
GXB2000
1-2-2. Expanded output
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
Latitude
0.001 to 0.0001" value
Value range: 0 to 99
Longitude
0.001 to 0.0001" value
Value range: 0 to 99
Speed
0.01 km/h value
Value range: 0 to 9
Number of healthy satellites
Value range: 0 to 32
Not related to user
Not related to user
Not related to user
SVACC
Value range: 0 to 15
Error major axis radius (1
σ estimated error)
Resolution: 1m
Value range: 0 to 510
Error minor axis radius (1
σ estimated error)
Resolution: 1m
Value range: 0 to 510
Error major axis inclination
Resolution: 1°
Value range: 0 to 179
Angle clockwise from north
HDOP value
Resolution: 0.1
Value range: 0 to 999
VDOP value
Resolution: 0.1
Value range: 0 to 999
D-GPS measurement flag
0: Invalid
1: GPS measurement
2: D-GPS measurement
D-GPS station No.
Value range: 0 to 1023
D-GPS data elapsed time
Resolution: 1s
0.0025"
0.0091"
0.03km/h
15
—
—
—
13
130
41
165
51.2
51.2
1
1023
1
19
5B
03
0F
—
—
—
0D
01
02
00
29
01
25
04
00
04
00
01
07
7F
01
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com