Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 40 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 40 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 36Page - Sony Corporation GXB2000 Datasheet HTML 37Page - Sony Corporation GXB2000 Datasheet HTML 38Page - Sony Corporation GXB2000 Datasheet HTML 39Page - Sony Corporation GXB2000 Datasheet HTML 40Page - Sony Corporation GXB2000 Datasheet HTML 41Page - Sony Corporation GXB2000 Datasheet HTML 42Page - Sony Corporation GXB2000 Datasheet HTML 43Page - Sony Corporation GXB2000 Datasheet HTML 44Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
SS-11
GXB2000
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
00100100
01000111
01010000
01000111
01000111
01000001
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
xxxxxxxx
xxxxxxxx
Header
"$"
Address field
"G"
"P"
"G"
"G"
"A"
" , "
UTC time
Hour (10's digit)
Hour (1's digit)
Minute (10's digit)
Minute (1's digit)
Second (10's digit)
Second (1's digit)
" , "
Latitude
Degree (10's digit)
Degree (1's digit)
Minute (10's digit)
Minute (1's digit)
" . "
Minute (0.1's digit)
Minute (0.01's digit)
Minute (0.001's digit)
" , "
Latitude direction
"N" or "S"
" , "
Longitude
Degree (100's digit)
Degree (10's digit)
Degree (1's digit)
Minute (10's digit)
Minute (1's digit)
" . "
Minute (0.1's digit)
Minute (0.01's digit)
Minute (0.001's digit)
Fixed
Fixed
Fixed
06:22:43
Fixed
36° 03.979'
Fixed
North latitude
Fixed
140° 10.296'
24
47
50
47
47
41
2C
00
36
32
32
34
33
2C
33
36
30
33
2E
39
37
39
2C
4E
2C
31
34
30
31
30
2E
32
39
36
Example
2. NMEA Output Specifications
2-1. Output Messages
2-1-1. GPGGA message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com