Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 55 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 55 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 51Page - Sony Corporation GXB2000 Datasheet HTML 52Page - Sony Corporation GXB2000 Datasheet HTML 53Page - Sony Corporation GXB2000 Datasheet HTML 54Page - Sony Corporation GXB2000 Datasheet HTML 55Page - Sony Corporation GXB2000 Datasheet HTML 56Page - Sony Corporation GXB2000 Datasheet HTML 57Page - Sony Corporation GXB2000 Datasheet HTML 58Page - Sony Corporation GXB2000 Datasheet HTML 59Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
SS-26
GXB2000
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
30
31
32
33
34
00101010
xxxxxxxx
xxxxxxxx
00001101
00001010
"
∗ "
Checksum
Hexadecimal upper digits
Hexadecimal lower digits
Terminator
<CR>
<LF>
Fixed
4A
Fixed
2A
34
41
0D
0A
Example
2-2. Output Timing
1s period: GPVTG, GPGGA, GPGLL, GPRMC, GPZDA
2s period: GPGSA, PSNY, GPGSV
GPVTG
GPGGA
GPGLL
GPRMC
GPZDA
GPGSA
PSNY
1s
GPVTG
GPGGA
GPGLL
GPRMC
GPZDA
GPGSV
2s
GPVTG
GPGGA
GPGLL
GPRMC
GPZDA
GPGSA
PSNY
3s
GPVTG
GPGGA
GPGLL
GPRMC
GPZDA
GPGSV
4s
GPVTG
GPGGA
GPGLL
GPRMC
GPZDA
GPGSA
PSNY
5s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com