Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 43 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 43 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 39Page - Sony Corporation GXB2000 Datasheet HTML 40Page - Sony Corporation GXB2000 Datasheet HTML 41Page - Sony Corporation GXB2000 Datasheet HTML 42Page - Sony Corporation GXB2000 Datasheet HTML 43Page - Sony Corporation GXB2000 Datasheet HTML 44Page - Sony Corporation GXB2000 Datasheet HTML 45Page - Sony Corporation GXB2000 Datasheet HTML 46Page - Sony Corporation GXB2000 Datasheet HTML 47Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
SS-14
GXB2000
2-1-2. GPGLL message
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
00100100
01000111
01010000
01000111
01001100
01001100
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
Header
"$"
Address field
"G"
"P"
"G"
"L"
"L"
" , "
Latitude
Degree (10's digit)
Degree (1's digit)
Minute (10's digit)
Minute (1's digit)
" . "
Minute (0.1's digit)
Minute (0.01's digit)
Minute (0.001's digit)
" , "
Latitude direction
"N" or "S"
" , "
Longitude
Degree (100's digit)
Degree (10's digit)
Degree (1's digit)
Minute (10's digit)
Minute (1's digit)
" . "
Minute (0.1's digit)
Minute (0.01's digit)
Minute (0.001's digit)
" , "
Longitude direction
"E" or "W"
" , "
UTC time
Hour (10's digit)
Hour (1's digit)
Minute (10's digit)
Minute (1's digit)
Second (10's digit)
Second (1's digit)
" , "
Fixed
Fixed
Fixed
36° 03.979'
Fixed
North latitude
Fixed
140° 10.296'
Fixed
West longitude
Fixed
06:22:43
Fixed
24
47
50
47
4C
4C
2C
33
36
30
33
2E
39
37
39
2C
4E
2C
31
34
30
31
30
2E
32
39
36
2C
57
2C
00
36
32
32
34
33
2C
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com