Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 2 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 2 Page - Sony Corporation

  GXB2000 Datasheet HTML 1Page - Sony Corporation GXB2000 Datasheet HTML 2Page - Sony Corporation GXB2000 Datasheet HTML 3Page - Sony Corporation GXB2000 Datasheet HTML 4Page - Sony Corporation GXB2000 Datasheet HTML 5Page - Sony Corporation GXB2000 Datasheet HTML 6Page - Sony Corporation GXB2000 Datasheet HTML 7Page - Sony Corporation GXB2000 Datasheet HTML 8Page - Sony Corporation GXB2000 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
– 2 –
GXB2000
Specification
Specification of reception unit
Reception method
Parallel 16 channels
RF input
Reception frequency
1575.42MHz L1 band, C/A code
Characteristics impedance
50
Reception sensitivity
–130dBm or less
(Sony's recommended anntena input level)
Positioning system
WGS-84
Positioning accuracy
Position
100m 2DRMS
(SA ON, PDOP = 2.5, HDOP = 1.5)
Velocity
0.9m/s
(SA ON, PDOP = 2.5, HDOP = 1.5)
Positioning condition
A) DOP limit
3D: PDOP
≤ 12
2D: HDOP
≤ 6
B) Elevation mask: 5° or more
Follow-up performance
Velocity
500km/h or less
Acceleration
2G or less
Measured data update time
Every 1s
D-GPS function
DARC BTA R-003 standard
RTCM SC104 version 2.1
(6 of 8 format)
Using type 1 data for correct caluculation
Measurement method
All-in-view measurement
2-satellite measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com