Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 3 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 3 Page - Sony Corporation

  GXB2000 Datasheet HTML 1Page - Sony Corporation GXB2000 Datasheet HTML 2Page - Sony Corporation GXB2000 Datasheet HTML 3Page - Sony Corporation GXB2000 Datasheet HTML 4Page - Sony Corporation GXB2000 Datasheet HTML 5Page - Sony Corporation GXB2000 Datasheet HTML 6Page - Sony Corporation GXB2000 Datasheet HTML 7Page - Sony Corporation GXB2000 Datasheet HTML 8Page - Sony Corporation GXB2000 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
– 3 –
GXB2000
TTFF (No signal break) 1
Hot Start (time, position, with ephemeris and almanac)
7 to 20s
Warm Start (time, position, without ephemeris, with almanac)
33 to 50s
Cold Start (time, position, without ephemeris and almanac)
35 to 60s
Reacquisition Time (interrupt recovery time)
The case of the interrupt less than 5 minutes
2 to 6s
The case of the interrupt more than 5 minutes
6 to 10s
1 Condition: The case of meeting positioning condition and receiving 8 satellites continuously and normally.
Conditons of Cold Start
Abnormal RAM data and abnormal RTC data for
the command input
RF input connector
JST: CN connector
I/O connector (Power supply, data mode)
JST: SM10B-SRSS
Communication Specification
Communication method
Start-stop synchronization
Transfer rate input/output
9600bps
Electric level
TTL level
I/O code
ASCII code
Communication format
Sony/NMEA0183 switching possible
Electrical Specification
Supply voltage (3V spec.)
3.1 to 3.6V Ripple 50mVp-p or less
(5V spec.)
4.5 to 5.5V Ripple 50mVp-p or less
Current consumption
82mA typ. (Vcc = 3.3V, 25°C)
Backup supply voltage
1.8 to 3.0V
current
30µA typ. (+B = 3.0V, 25°C)
70µA max. (+B = 3.0V, 85°C)
Pre-amplifier power supply
2.7 to 3.6V, 10 to 30mA
Operating temperature
–40 to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com