Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 5 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 5 Page - Sony Corporation

  GXB2000 Datasheet HTML 1Page - Sony Corporation GXB2000 Datasheet HTML 2Page - Sony Corporation GXB2000 Datasheet HTML 3Page - Sony Corporation GXB2000 Datasheet HTML 4Page - Sony Corporation GXB2000 Datasheet HTML 5Page - Sony Corporation GXB2000 Datasheet HTML 6Page - Sony Corporation GXB2000 Datasheet HTML 7Page - Sony Corporation GXB2000 Datasheet HTML 8Page - Sony Corporation GXB2000 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
– 5 –
GXB2000
Antenna Pre-amplifier Power Supply Circuit
1
(VCC)
10
(GND)
I/O connector
+3V (3/5V common specification)
RF connector
15
(1/2W)
RF part
Sony Recommend Antenna Specification
Antenna part
Center frequency
1575.42MHz
Polarization
Right handed circular polarization
Gain
–5dBi or more (5°
≤ Angle of elevation)
Axis ratio
3dB typ. (Angle of elevation = 90°)
Pre-amplifier part
Gain
22dB or more (without cable loss)
Noise figure (NF)
2.5dB or less
All-round specification (antenna + pre-anplifire + cable loss)
Gain
17dBi or more (Angle of elevation = 90°)
Output impedance
50
Output VSWR
2.0 or less
Supply voltage
2.8 to 3.2V
Current consumption
30mA or less



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com