Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 34 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 34 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 30Page - Sony Corporation GXB2000 Datasheet HTML 31Page - Sony Corporation GXB2000 Datasheet HTML 32Page - Sony Corporation GXB2000 Datasheet HTML 33Page - Sony Corporation GXB2000 Datasheet HTML 34Page - Sony Corporation GXB2000 Datasheet HTML 35Page - Sony Corporation GXB2000 Datasheet HTML 36Page - Sony Corporation GXB2000 Datasheet HTML 37Page - Sony Corporation GXB2000 Datasheet HTML 38Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
SS-5
GXB2000
1-3-3. SK command (receiver geodesic system parameter setting)
No.
BIT
76543210
Contents
Setting value
Input data
(HEX)
1
2
3
10100010
0xxxxxxx
11011010
Header
Geodesic system
Value range: 0 to 25
Terminator. "Z" + 80HEX
—
18
—
A2
12
DA
Example
After receiving the above command, the GPS side sends this command as a response.
1-3-4. AMI command (receive almanac data)
No.
BIT
76543210
Contents
Setting value
Input data
(HEX)
1
2
10100011
11011010
Header
Terminator. "Z" + 80HEX
—
—
A3
DA
Example
No.
BIT
76543210
Contents
Setting value
Input data
(HEX)
1
2
10100100
11011010
Header
Terminator. "Z" + 80HEX
—
—
A4
DA
Example
After receiving the above command, the GPS side sends this command as a response. The NAVI (PC) side
receives this command and then sends the almanac data to the GPS side.
1-3-5. AMO command (transmit almanac data)
After receiving the above command, the GPS side sends this command as a response, followed by the almanac
data.
1-3-6. CD command (initialize almanac data area and cold start)
No.
BIT
76543210
Contents
Setting value
Input data
(HEX)
1
2
10100101
11011010
Header
Terminator. "Z" + 80HEX
—
—
A5
DA
Example
After receiving the above command, the GPS side sends this command as a response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com