Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 47 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 47 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 43Page - Sony Corporation GXB2000 Datasheet HTML 44Page - Sony Corporation GXB2000 Datasheet HTML 45Page - Sony Corporation GXB2000 Datasheet HTML 46Page - Sony Corporation GXB2000 Datasheet HTML 47Page - Sony Corporation GXB2000 Datasheet HTML 48Page - Sony Corporation GXB2000 Datasheet HTML 49Page - Sony Corporation GXB2000 Datasheet HTML 50Page - Sony Corporation GXB2000 Datasheet HTML 51Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
SS-18
GXB2000
2-1-4. GPGSV message
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28 to 40
41 to 53
54 to 56
67
68
69
00100100
01000111
01010000
01000111
01010011
01010110
01001100
xxxxxxxx
01001100
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
00101010
xxxxxxxx
xxxxxxxx
Header
"$"
Address field
"G"
"P"
"G"
"S"
"V"
" , "
Total number of GPGSV messages
"1" to "3"
" , "
GPGSV message number
"1" to "3"
" , "
Number of satellites within field of vision
10's digit
1's digit
" , "
Information on satellites within field of vision for four satellites
Satellite No.
10's digit
1's digit
" , "
Angle of elevation (°)
10's digit
1's digit
" , "
Azimuth (°)
100's digit
10's digit
1's digit
" , "
C/N (dB)
10's digit
1's digit
" , "
Information for 2nd satellite
Information for 3rd satellite
Information for 4th satellite
"
∗ "
Checksum
Hexadecimal upper digits
Hexadecimal lower digits
Fixed
Fixed
Fixed
2
Fixed
1
Fixed
08
Fixed
Fixed
4A
24
47
50
47
53
56
2C
32
2C
31
2C
30
38
2C
2A
34
41
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com