Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 23 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 23 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 19Page - Sony Corporation GXB2000 Datasheet HTML 20Page - Sony Corporation GXB2000 Datasheet HTML 21Page - Sony Corporation GXB2000 Datasheet HTML 22Page - Sony Corporation GXB2000 Datasheet HTML 23Page - Sony Corporation GXB2000 Datasheet HTML 24Page - Sony Corporation GXB2000 Datasheet HTML 25Page - Sony Corporation GXB2000 Datasheet HTML 26Page - Sony Corporation GXB2000 Datasheet HTML 27Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
S-15
GXB2000
1-3-20. EP0 command (transmit ephemeris data)
No.
BIT
76543210
Contents
Setting value
Input data
(HEX)
1
2
3
4
10110001
0xxxxxxx
0xxxxxxx
11011010
Header
Heading filter value
Resolution: 0.1km/h
Terminator. "Z" + 80H
—
999
(99.9km/h)
—
B2
07
67
DA
After receiving the above command, the GPS side sends this command as a response, followed by the
ephemeris data.
1-3-21. VF command (heading filter value setting)
No.
BIT
76543210
Contents
Setting value
Input data
(HEX)
1
2
11001110
11011010
Header
Terminator. "Z" + 80H
—
—
CE
DA
Example
After receiving the above command, the GPS side sends this command as a response.
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com