Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 32 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 32 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 28Page - Sony Corporation GXB2000 Datasheet HTML 29Page - Sony Corporation GXB2000 Datasheet HTML 30Page - Sony Corporation GXB2000 Datasheet HTML 31Page - Sony Corporation GXB2000 Datasheet HTML 32Page - Sony Corporation GXB2000 Datasheet HTML 33Page - Sony Corporation GXB2000 Datasheet HTML 34Page - Sony Corporation GXB2000 Datasheet HTML 35Page - Sony Corporation GXB2000 Datasheet HTML 36Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
SS-3
GXB2000
1-2. Almanac Data Output
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
1
2
•
•
•
•
•
44
45
10100100
0xxxxxxx
•
•
•
•
•
0xxxxxxx
11011010
Header
Terminator. "Z" + 80HEX
—
A4
DA
Example
After the receiver receives an almanac output request, it transmits a response and then outputs the almanac
data. The above format is for 1 subframe of the almanac data, and 64 frames of this data are sent in succession.
Almanac communication data is sent by dividing the original data into 7-bit sections.
The almanac data stored in the GPS receiver memory has the configuration shown below. Normally each word
of the almanac data has 6-bit parity, but this is eliminated when the data is stored in the memory. In addition, a
16-bit checksum is added in consideration of communication.
WORD1
24 bits
WORD2
24 bits
WORD3
24 bits
WORD4
24 bits
WORD5
24 bits
WORD6
24 bits
WORD7
24 bits
WORD8
24 bits
WORD9
24 bits
WORD10
24 bits
Checksum
16 bits
The relationship between the above
data and the communication data is
shown to the right.
(1) Relationship between word data and communication data
23
Before conversion
After conversion
31
0
0
0
0
0
15
Before conversion
After conversion
23
0
0
0
0
0 0 0 0 0
0
(2) Relationship between checksum and communication data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com