Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 45 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 45 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 41Page - Sony Corporation GXB2000 Datasheet HTML 42Page - Sony Corporation GXB2000 Datasheet HTML 43Page - Sony Corporation GXB2000 Datasheet HTML 44Page - Sony Corporation GXB2000 Datasheet HTML 45Page - Sony Corporation GXB2000 Datasheet HTML 46Page - Sony Corporation GXB2000 Datasheet HTML 47Page - Sony Corporation GXB2000 Datasheet HTML 48Page - Sony Corporation GXB2000 Datasheet HTML 49Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
SS-16
GXB2000
2-1-3. GPGSA message
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 to 17
18 to 20
21 to 23
24 to 26
27 to 29
30 to 32
33 to 35
36 to 38
39 to 41
42 to 44
45 to 47
48
49
50
51
52
00100100
01000111
01010000
01000111
01010011
01000001
01001100
xxxxxxxx
01001100
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
01001100
Header
"$"
Address field
"G"
"P"
"G"
"S"
"A"
" , "
GPS measurement switching mode
"M": Manual
"A": Auto
" , "
GPS measurement mode
"1": Invalid
"2": 2D measurement
"3": 3D measurement
" , "
Satellite Nos. used for measurement
1st satellite No.
10's digit
1's digit
" , "
2nd satellite No.
3rd satellite No.
4th satellite No.
5th satellite No.
6th satellite No.
7th satellite No.
8th satellite No.
9th satellite No.
10th satellite No.
11th satellite No.
12th satellite No.
PDOP
10's digit
1's digit
" . "
0.1's digit
" , "
Fixed
Fixed
Fixed
Fixed to "A"
Fixed
3D measurement
Fixed
2.4
Fixed
24
47
50
47
53
41
2C
41
2C
33
2C
30
32
2E
34
2C
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com