Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 11 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 11 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 7Page - Sony Corporation GXB2000 Datasheet HTML 8Page - Sony Corporation GXB2000 Datasheet HTML 9Page - Sony Corporation GXB2000 Datasheet HTML 10Page - Sony Corporation GXB2000 Datasheet HTML 11Page - Sony Corporation GXB2000 Datasheet HTML 12Page - Sony Corporation GXB2000 Datasheet HTML 13Page - Sony Corporation GXB2000 Datasheet HTML 14Page - Sony Corporation GXB2000 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
S-3
GXB2000
1-2. Output Data
1-2-1. Standard output
No.
BIT
76543210
Contents
Example
Setting value
Output data
(HEX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
11010000
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
Header
Software version information
Latitude
Resolution: 0.01"
South latitude is two's complement notation.
Value range: 32400000 to –32400000
Longitude
Resolution: 0.01"
West longitude is two's complement notation.
Value range: 64800000 to –64800000
Altitude
Resolution: 1m
Negative altitude is two's complement notation.
Value range: 8191 to –8191
Speed
Resolution: 0.1km/h
Value range: 0 to 5150
Direction
Resolution: 0.1°
Value range: 0 to 3599
PDOP value
Resolution: 0.1
Value range: 0 to 999
Current time mode
0: UTC time
1: JST time
Current time
Year
Year
Month
Date
Hour
Minute
Second
Day
Measurement calculation time
Year
Year
Month
Date
Hour
Minute
Second
—
01
North latitude
87° 29' 10.24"
(= 314950.24")
West longitude
175° 42' 30.11"
(= –632550.11")
3775m
60.5km/h
310.7°
51.2
1
1999
02
22
12
54
46
01
1999
02
22
12
55
30
D0
01
0F
02
26
70
61
6B
1C
1D
00
1D
3F
04
5D
18
23
04
00
01
0F
4F
02
16
0C
36
2E
01
0F
4F
02
16
0C
37
1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com