Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 24 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 24 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 20Page - Sony Corporation GXB2000 Datasheet HTML 21Page - Sony Corporation GXB2000 Datasheet HTML 22Page - Sony Corporation GXB2000 Datasheet HTML 23Page - Sony Corporation GXB2000 Datasheet HTML 24Page - Sony Corporation GXB2000 Datasheet HTML 25Page - Sony Corporation GXB2000 Datasheet HTML 26Page - Sony Corporation GXB2000 Datasheet HTML 27Page - Sony Corporation GXB2000 Datasheet HTML 28Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
S-16
GXB2000
2. D-GPS Data Input Specifications
2-1. Communication
2-1-1. Serial input communication method
Interface:
Asynchronous serial interface (UART)
Baud rate:
9600 bps
Start bit:
1 bit
Data bits:
8 bits
Stop bit:
1 bit
Parity bit:
None
Communication control signal: None
Input period:
1s or more
2-1-2. Asynchronous serial interface
1
LSB
MSB
Stop bit
1 bit
Start bit
1 bit
Data bits
8 bits
D0
D1
D2
D3
D4
D5
D6
D7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com