Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 31Page - Analog Devices ADE9078 Datasheet HTML 32Page - Analog Devices ADE9078 Datasheet HTML 33Page - Analog Devices ADE9078 Datasheet HTML 34Page - Analog Devices ADE9078 Datasheet HTML 35Page - Analog Devices ADE9078 Datasheet HTML 36Page - Analog Devices ADE9078 Datasheet HTML 37Page - Analog Devices ADE9078 Datasheet HTML 38Page - Analog Devices ADE9078 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 34 of 107
Table 11. Voltage Channel Measurement Update Rates
Register Name
Description
Update Rate
AV_SINC_DAT
VA sinc4 filter output
16 kSPS
BV_SINC_DAT
VB sinc4 filter output
16 kSPS
CV_SINC_DAT
VC sinc4 filter output
16 kSPS
AV_LPF_DAT
VA sinc4 + IIR low-pass filter and decimator output
fDSP = 4 kSPS
BV_LPF_DAT
VB sinc4 + IIR low-pass filter and decimator output
fDSP = 4 kSPS
CV_LPF_DAT
VC sinc4 + IIR low-pass filter and decimator output
fDSP = 4 kSPS
AV_PCF
Instantaneous voltage on VA
fDSP = 4 kSPS
BV_PCF
Instantaneous voltage on VB
fDSP = 4 kSPS
CV_PCF
Instantaneous voltage on VC
fDSP = 4 kSPS
AVRMS
Filtered based total rms of VA
fDSP = 4 kSPS
BVRMS
Filtered based total rms of VB
fDSP = 4 kSPS
CVRMS
Filtered based total rms of VC
fDSP = 4 kSPS
VPEAK
Peak current channel sample (see the Peak Detection section)
fDSP = 4 kSPS
APERIOD
Line period measurement on VA
fDSP = 4 kSPS
BPERIOD
Line period measurement on VB
fDSP = 4 kSPS
CPERIOD
Line period measurement on VB
fDSP = 4 kSPS
COM_PERIOD
Line period measurement on combined signal from VA, VB, VC (see the Combined Voltage Zero Crossing
section)
fDSP = 4 kSPS
ANGLx_x
Voltage to current or current to current phase angle (see the Angle Measurement section)
CLKIN/24 = 512 kSPS
Voltage Channel
The voltage channel datapath is shown in Figure 52. The voltage
channel ADC waveforms can be sampled at the sinc4 output, in
the xV_SINC_DAT registers, at 16 kSPS or further decimated
by an IIR low-pass filter, in xV_LPF_DAT registers at fDSP =
4 kSPS. Gain and phase compensation are applied, creating the
xV_PCF instantaneous voltage waveforms that update at fDSP =
4 kSPS. The xV_PCF waveforms are used for total active power,
VAR, IRMS, VA, and fundamental VAR calculations. The
xV_PCF value is also monitored in the voltage peak detection
circuit. Finally, angle measurements indicate the time between
the voltage channel zero crossing and the current channel zero
crossing on the same phase or voltage channels on the other
phases, updating at CLKIN/24 = 512 kSPS in the ANGLx_x
registers. The line period measurement xPERIOD indicates the line
period, as described in the Line Period Calculation section.
Voltage Channel Measurements
Table 11 indicates the registers that hold voltage channel
measurements and the rate at which they update.
Voltage Channel Gain
Use the xVGAIN registers to calibrate the voltage channel of
each phase. The xVGAIN register has the same scaling as the
xIGAIN register.
GAIN
HPF
xIGAIN
Gain
Channel
Voltage
_
2
1
27
×
 +
=
See the Current Channel Gain, xIGAIN section for more
information about the gain scaling and how it is affected by the
high-pass filter corner (HPF_CRN) selection.
Note that for a given phase,
|Current Channel Gain × Voltage Channel Gain ×
Power Gain| ≤ 3.75
Energy Measurements Overview
Figure 53 shows how AI_PCF and AV_PCF calculate per phase
rms and power and how the calculated rms and power are
accumulated into the AWATTHR and AWATT_ACC registers
and the CFx pulse outputs.
Per Phase Energy Measurements Update Rate
Instantaneous power measurements, including as xWATT,
xVAR, xVA, xFVAR, update at a rate of fDSP = 4 kSPS.
These measurements are accumulated into power measurements in
xWATT_ACC register that update at a user defined interval
ranging from 500 µs to 2 sec, depending on the selection in the
PWR_TIME register.
Energy measurements update every 4 kSPS by default and can
store up to 211 sec of accumulation at full scale. Alternatively, these
registers can be set into a different accumulation mode where
they update after a user defined number of line cycles or
samples.
The power factor measurements update every 4096/4 kSPS =
1.024 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com