Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 53 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 49Page - Analog Devices ADE9078 Datasheet HTML 50Page - Analog Devices ADE9078 Datasheet HTML 51Page - Analog Devices ADE9078 Datasheet HTML 52Page - Analog Devices ADE9078 Datasheet HTML 53Page - Analog Devices ADE9078 Datasheet HTML 54Page - Analog Devices ADE9078 Datasheet HTML 55Page - Analog Devices ADE9078 Datasheet HTML 56Page - Analog Devices ADE9078 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 52 of 107
error. It can be checked if the phase angles correspond to the
ones in the phasor diagrams given in the Applications
Information section.
The times between negative to positive zero crossings are
measured using a CLKIN/24 = 12.288/12 = 512 kHz clock. The
time between the zero-crossing on Phase A and Phase B is
stored in the ANGL_VA_VB register. The resolution of the
ANGLx_x2x register is (1/512000)/20 ms × 360° = 0.03515625°
at 50 Hz.
The time between the zero crossing on Phase B and Phase C is
stored in the ANGL_VB_VC register and the time in between
the zero crossings on Phase A and Phase C is stored in the
ANGL_VA_VC register, as shown in Figure 75.
PHASE A
PHASE B
PHASE C
ANGL_VA_VB ANGL_VB_VC
ANGL_VA_VC
Figure 75. Voltage to Voltage Phase Angle
The angle in degrees can be calculated from the following
equation with a 50 Hz line period:
Angle (degrees) = ANGL_VA_VB × 0.03515625/LSB
For a 4-wire wye configuration, the expected ANGL_VA_VB
and ANGL_VB_VC is 120°/0.03515625 = 3413d. Note that the
expected ANGL_VA_VC from Phase A voltage to Phase C
voltage is 240°/0.03515625 = 6826d, which corresponds to a
120° angle between Phase C and Phase A.
The current to current zero crossings are also measured. This
measurement is done similarly to the voltage to voltage phase
angle described previously, except the current channel zero
crossings are used as the reference. The time between the zero
crossing on Phase A and Phase B is stored in the ANGL_IA_IB
register. The time between the zero crossing on Phase B and
Phase C is stored in the ANGL_IB_IC register and the time in
between the zero crossings on Phase A and Phase C is stored in
the ANGL_IA_IC register.
The voltage to current phase angles are measured as well. Use
these measurements to determine the power factor at the
fundamental. ANGL_VA_IA reflects the phase angle between
the Phase A voltage and current, as shown in Figure 76.
ANGL_VB_IB holds the Phase B voltage to current phase angle,
whereas ANGL_VC_IC holds the Phase C voltage to current
phase angle.
PHASE A
CURRENT
ANGL_VA_IA
PHASE A
VOLTAGE
Figure 76. Voltage to Current Phase Angles
Note that if the magnitude of the voltage channel is below the
user configured zero-crossing threshold, the zero-crossing
output for that phase is not generated. In this event, the
corresponding ANGLx_x2x measurements are not updated—
the last value remains in the register. The current channel does
not have these thresholds. When low input signal levels occur,
spurious zero-crossing events may be generated on the current
channel, which results in ANGLx_I2I and ANGLx_V2I
readings that are not meaningful.
Phase Sequence Error Detection
4-Wire Wye and 4-Wire Delta
For 4-wire wye and 4-wire delta meters, the normal phase
sequence is shown in Figure 77.
ZXC
ZXB
PHASE A
PHASE B
PHASE C
A,B,C PHASE
VOLTAGES AFTER
LPF1
ZXA
NORMAL PHASE SEQUENCE
SEQERR = 0
Figure 77. 4-Wire Wye and 4-Wire Delta Normal Phase Sequence
For a 4-wire wye or 4-wire delta system, VCONSEL = 000, 010,
or 011 as described in the Applications Information section. In
these 4-wire systems, the negative to positive transitions on ZXVA,
ZXVB, and ZXVC are monitored to determine if there is a phase
sequence error as shown in Figure 79. To detect a phase sequence
error, set how many sequences to observe in the SEQ_CYC register.
It is recommended to set SEQ_CYC to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com