Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 19Page - Analog Devices ADE9078 Datasheet HTML 20Page - Analog Devices ADE9078 Datasheet HTML 21Page - Analog Devices ADE9078 Datasheet HTML 22Page - Analog Devices ADE9078 Datasheet HTML 23Page - Analog Devices ADE9078 Datasheet HTML 24Page - Analog Devices ADE9078 Datasheet HTML 25Page - Analog Devices ADE9078 Datasheet HTML 26Page - Analog Devices ADE9078 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 22 of 107
THEORY OF OPERATION
The ADE9078 integrates seven high performance ADCs and a
flexible DSP core. An integrated high end reference ensures low
drift over temperature with a combined drift of less than
±25 ppm/°C maximum for the whole channel including PGA
and ADC.
The ADE9078 is a highly accurate, fully integrated energy
metering device. Interfacing with both CT and Rogowski coil
sensors, the ADE9078 enables users to develop a 3-phase metrology
platform, which achieves high performance for Class 1 through
Class 0.2 meters. See the Measurements (Normal Mode) section
for more information.
Two power modes are provided to enable detection of meter
tampering: PSM2 uses a low power comparator to compare
current channels to a threshold and indicates whether it has
been exceeded on the IRQ0 and IRQ1 outputs; PSM1 enables
fast measurement of current and voltage rms (xVRMS, xIRMS),
active power, and VAR during a tamper. See the Measurements
(PSM1) section and Measurements (PSM2) section for more
information about how to use these modes.
ADC
Overview
The ADE9078 incorporates seven independent, second-order, Σ-Δ
ADCs that sample simultaneously. Each ADC is 24 bits and supports
fully differential and pseudo differential inputs that can go above
and below ground. The ADE9078 includes a low noise, low drift,
internal band gap reference. Set the EXT_REF bit in the CONFIG1
register if using an external voltage reference. Each ADC contains
a programmable gain amplifier, which allows a gain of 1, 2, or 4.
The ADCs incorporate proprietary dither techniques to prevent
idle tones at low input levels, extending the accuracy range.
Analog Input Configuration
There is no internal buffering on the device. The impedance of
the ADE9078 depends on the programmable gain selected (see
the Specifications table).
Fully Differential Inputs
The input signals on the IAP, IAN, IBP, IBN, ICP, ICN, VAP, VAN,
VBP, VBN, VCP, and VCN pins must not exceed 0.6 V relative
to AGND, the analog ground reference. The differential full-
scale input range of the ADCs is ±1 V peak (0.707 V rms), and
the maximum allowed common-mode voltage at the ADC pins
must not exceed ±0.1 V.
Figure 30 and Figure 31 show two common types of input
signals for an energy metering application. Figure 30 shows the
maximum input allowed with differential antiphase signals. A
current transformer with center tapped burden resistor generates
differential antiphase signals. Figure 31 shows the maximum
input signal with pseudo differential signals, similar to those
obtained when sensing the mains voltage signal through a
resistive divider or using a Rogowski coil current sensor.
The following conditions must be met for the input signals with
gain = 1:
|IAP, IAN, IBP, IBN, ICP, ICN, VAP, VAN, VBP, VBN, VCP,
and VCN| ≤ 0.6 V peak relative to AGND
|IxP − IxN| ≤ 1 V peak, |VxP − VxN| ≤ 1 V peak
+0.1V
0
+0.6V
–0.4V
0x0474 E650 =
NOTES
1. x_PCF IS THE INSTANTANEOUS WAVEFORM OBTAINED
AFTER GAIN AND PHASE COMPENSATION.
+74,770,000
0xFB8B 19B0 =
–74,770,000
CHANNEL (x_PCF) WAVEFORM
DATA RANGE WITH x_GAIN = 1
xP INPUT PIN
xM INPUT PIN
+0.1V
+0.6V
–0.4V
Figure 30. Maximum Input Signal with Differential Antiphase Input with
Common-Mode Voltage = 0.1 V, Gain = 1
+0.1V
0
+0.6V
–0.4V
+0.1V
0x0474 E650 =
+74,770,000
xFB8B 19B0 =
–74,770,000
CHANNEL (x_PCF) WAVEFORM
DATA RANGE WITH x_GAIN = 2
xP INPUT PIN
xM INPUT PIN
NOTES
1. x_PCF IS THE INSTANTANEOUS WAVEFORM OBTAINED
AFTER GAIN AND PHASE COMPENSATION.
Figure 31. Maximum Input Signal with Pseudo Differential Input with
Common-Mode Voltage = 0.1 V, Gain = 2
Each ADC contains a programmable gain amplifier that allows
a gain of 1, 2, or 4. The ADC produces full-scale output codes with
an input of ±1 V. With a gain of 1, this full-scale input corresponds
to a differential antiphase input of 0.707 V rms, as shown in
Figure 30. At a gain of 2, full-scale output codes are produced
with an input of 0.353 V rms, as shown in Figure 31. At a gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com