Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 36Page - Analog Devices ADE9078 Datasheet HTML 37Page - Analog Devices ADE9078 Datasheet HTML 38Page - Analog Devices ADE9078 Datasheet HTML 39Page - Analog Devices ADE9078 Datasheet HTML 40Page - Analog Devices ADE9078 Datasheet HTML 41Page - Analog Devices ADE9078 Datasheet HTML 42Page - Analog Devices ADE9078 Datasheet HTML 43Page - Analog Devices ADE9078 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 39 of 107
Fundamental Reactive Power
The fundamental reactive power in the ADE9078 is calculated
using a proprietary algorithm that requires initialization of the
network frequency and of the nominal voltage measured in the
voltage channel. The SELFREQ bit in the ACCMODE register
selects whether the system is 50 Hz or 60 Hz. For a 50 Hz system,
clear the SELFREQ bit, and for a 60 Hz system, set the SELFREQ
bit to 1. The SELFREQ selection must be made prior to writing
1 to the run register.
The VLEVEL register indicates the nominal value of the voltage
channel. Calculate VLEVEL according to the following equation:
VLEVEL = X × 1,144,084
where X is the dynamic range that the nominal input signal is at
with respect to full scale.
It is recommended to set the voltage channel input so that the
nominal voltage, for example 240 V rms, corresponds to one half of
the analog input signal range of the ADE9078. The ADE9078
can support ±1 V peak, 0.707 V rms inputs, so it is recommended
to scale the voltage channel inputs to 0.353 V rms. Then, with a
nominal input of 240 V, the input signal is at half of full scale and X
is equal to 2. Write 2,288,168d to the VLEVEL register to configure
this feature.
VLEVEL = 2 × 1,144,084 = 2,288,168
After configuring the SELFREQ and VLEVEL parameters, the
ADE9078 tracks the fundamental line frequency within ±5 Hz
of the 50 Hz or 60 Hz frequency selected in SELFREQ. If a larger
frequency range than ±5 Hz is required in the application, monitor
the line period (xPERIOD) and change the SELFREQ selection
accordingly. Note that the run register must be set to 0 before
changing the SELFREQ setting and must then be set to 1 again.
The fundamental current signal is shifted by 90° and multiplied
by the fundamental voltage signal. This is then gained by
APGAIN and offset correction is applied according to the
AFVAROS register.
APGAIN
AFVAROS
AFVAR
AI_PCF
AV_PCF
FUNDAMENTAL
VAR
ENERGY/
POWER/CF
ACCUMULATION
Figure 59. Fundamental Reactive Power, AFVAR
The fundamental reactive power at a power factor of 0 has a similar
ripple to the total active power at a power factor of 1 (see Figure 56).
xFVAROS has the same scaling as xFVAR (see the Total Active
Power section to understand how to calculate this register value.
Table 18 shows the settling times for fundamental reactive
power for a 50 Hz signal.
Table 18. Fundamental Reactive Power Settling Time
Fundamental Reactive Power
SettlingTime (sec)
Configuration
FS = 99%
FS = 99.90%
Integrator On, HPF On,
and LPF2 On
0.86
1.11
Integrator Off, HPF On,
and LPF2 On
0.86
1.11
Power Factor
The total active power and total apparent power are
accumulated over 1.024 sec. Then the power factor is calculated
on each phase according to the following equation:
sec
1.024
over
d
accumulate
AVA
sec
1.024
over
d
accumulate
AWATT
APF =
The sign of the APF calculation follows the sign of AWATT.
To calculate what quadrant the energy is in, look at the sign of
the total or fundamental reactive energy in that phase along
with the sign of the xPF or xWATT value, as indicated in Figure 60.
The quadrants with capacitive power factors are indicated in
dark gray whereas the quadrants with inductive power factor
are indicated in light gray. Note that for most applications, the
watts are received (imported) from the grid and so the active
power and VAR stay within Quadrant I and Quadrant IV.
CAPACITIVE:
CURRENT LEADS
VOLTAGE
INDUCTIVE:
CURRENT LAGS
VOLTAGE
WATT
90° LAGGING
INDUCTIVE:
CURRENT LAGS
VOLTAGE
CAPACITIVE:
CURRENT LEADS
VOLTAGE
WATT (–)
VAR (+)
QUADRANT II
WATT (+)
VAR (+)
QUADRANT I
WATT (–)
VAR (–)
QUADRANT III
WATT (+)
VAR (–)
QUADRANT IV
WATT(+) INDICATES POWER RECEIVED (IMPORTED FROM GRID)
WATT(–) INDICATES POWER DELIVERED (EXPORTED TO GRID)
θ2 = 60° PF2 = 0.5 IND
θ1 = –30° PF1 = 0.866 CAP
Figure 60. Active Power and VAR Sign for Capacitive and Inductive Loads
The power factor results is stored in 5.27 format. The highest
power factor value is 0x07FF FFFF, which corresponds to a power
factor of 1. A power factor of −1 is stored as 0xF800 0000. To
determine the power factor from the xPF register value, use the
following equation:
Power Factor = APF × 2−27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com