Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 67 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 63Page - Analog Devices ADE9078 Datasheet HTML 64Page - Analog Devices ADE9078 Datasheet HTML 65Page - Analog Devices ADE9078 Datasheet HTML 66Page - Analog Devices ADE9078 Datasheet HTML 67Page - Analog Devices ADE9078 Datasheet HTML 68Page - Analog Devices ADE9078 Datasheet HTML 69Page - Analog Devices ADE9078 Datasheet HTML 70Page - Analog Devices ADE9078 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 66 of 107
WAVEFORM BUFFER
The ADE9078 has a waveform buffer comprised of 2048, 32-bit
memory locations with addresses from Address 0x800 to
Address 0xFFF. This memory can be filled with samples from
the sinc4 or sinc4 + IIR LPF or current and voltage waveform
samples processed by the digital signal processor.
Resampled waveforms make it easy to perform harmonic analysis
in an external processor that can use the 16-bit, 64 points per
line cycle samples directly in a FFT, without having to perform
any windowing functions.
The data in the waveform buffer can come from four locations
in the signal chain, as follows:
Sinc4 outputs, xI_SINC_DAT, xV_SINC_DAT: 16 kSPS
Sinc4 + IIR LPF output, xI_LPF_DAT, xV_LPF_DAT: 4 kSPS
Current and voltage channel waveforms processed by the
DSP (xI_PCF, xV_PCF): 4 kSPS
Resampled waveforms with 64 points per line cycle
processed by the DSP: data rate varies with line period
Figure 104 and Figure 105 show the current and voltage channel
datapaths, indicating which waveforms can be stored into the
waveform buffer.
Filling and accessing of the waveform buffer depends on which
type of data is being filled in the buffer. The waveforms with a
fixed data rate, 16 kSPS or 4 kSPS, are referred to as fixed data
rate waveforms. The following sections explain what modes/access
are available for resampled waveforms versus fixed data rate
waveforms.
The waveform buffer samples can be accessed using the SPI
burst read functionality so that multiple samples can be read
using only one SPI command header (see the Burst Read
Waveform Buffer Samples from SPI section).
xIGAIN
HPF
CURRENT PEAK
DETECTION
REFERENCE
Σ-∆
MODULATOR
IP
VIN
VIN
+1V
ANALOG INPUT RANGE
0V
–1V
ADE9078 CURRENT CHANNEL (IA, IB, IC)
SINC4
LPF
4:1
xIGAINx
PHASE
COMP
WAVEFORM
BUFFER
INTEGRATOR
WF_SRC
WF_CAP_SEL
MTEN
HPFDIS
INTEN
ICONSEL*
IB = –IA – IC
xI_PCF
RESAMPLING
ADC_
REDIRECT
MUX
NOTE: ICONSEL ONLY AFFECTS IB CHANNE L CALCULATION
TOTAL ACTIVE AND
REACTIVE POWER
CALCULATION
ZX_SRC_SEL
ZX DETECTION
NOT AVAILABLE IN ADE9078 PSM1
TOTAL CURRENT RMS
VA POWER
CALCULATIONS
FUNDAMENTAL
REACTIVE POWER
CALCULATIONS
RESAMPLED WAVEFORM
DATA RANGE
0V
0V
0V
0xFBFF_FB90 =
–67,110,000
0x0471_15C0 =
+74,520,000
0x0474_E650 =
+74,770,000
0V
CURRENT CHANNEL (xI_PCF)
DATA RANGE
SINC4 + IIR LPF (xI_LPF_DAT)
DATA RANGE
SINC4 OUTPUT (xI_SINC_DAT)
DATA RANGE
0x0400_0470 =
+67,110,000
0x46B4 =
+18,100
0xB94C =
–18,100
0xFB8B_19B0 =
–74,770,000
0xFB8E_EA40 =
–74,520,000
4kSPS
Figure 104. Current Channel Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com