Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 7Page - Analog Devices ADE9078 Datasheet HTML 8Page - Analog Devices ADE9078 Datasheet HTML 9Page - Analog Devices ADE9078 Datasheet HTML 10Page - Analog Devices ADE9078 Datasheet HTML 11Page - Analog Devices ADE9078 Datasheet HTML 12Page - Analog Devices ADE9078 Datasheet HTML 13Page - Analog Devices ADE9078 Datasheet HTML 14Page - Analog Devices ADE9078 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 10 of 107
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
PULL_HIGH
2
DGND
3
DVDDOUT
4
PM0
5
PM1
6
RESET
7
IAP
8
IAN
9
IBP
10
IBN
23 VCN
24 VCP
25 AVDDOUT
26 AGND
27 VDD
28 GND
29 CLKIN
30 CLKOUT
22 VBP
21 VBN
ADE9078
TOP VIEW
(Not to Scale)
NOTES
1. IT IS RECOMMENDED TO TIE THE
NC1 AND NC2 PINS TO GROUND.
2. EXPOSED PAD. CREATE A SIMILAR PAD ON THE
PRINTED CIRCUIT BOARD (PCB) UNDER THE
EXPOSED PAD. SOLDER THE EXPOSED PAD TO THE
PAD ON THE PCB TO CONFER MECHANICAL STRENGTH
TO THE PACKAGE AND CONNECT ALL GROUNDS
(GND, AGND, DGND, AND REFGND) TOGETHER AT
THIS POINT.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PULL_HIGH
Pull High. Tie this pin to VDD.
2
DGND
Digital Ground. This pin provides the ground reference for the digital circuitry in the ADE9078. Because
the digital return currents in the ADE9078 are small, it is acceptable to connect this pin to the analog
ground plane of the whole system. Connect all grounds (GND, AGND, DGND, and REFGND) together at one
point.
3
DVDDOUT
1.8 V Output of the Digital Low Dropout Regulator (LDO). Decouple this pin with a 0.1 μF ceramic
capacitor in parallel with a ceramic 4.7 μF capacitor.
4
PM0
Power Mode Pin 0. PM0, combined with PM1, defines the power mode. For normal operation, PM0 and
PM1 must be grounded (see the Power Modes section).
5
PM1
Power Mode Pin 1. PM1 combined with PM0, defines the power mode. For normal operation, PM0 and
PM1 must be grounded (see the Power Modes section).
6
RESET
Reset Input, Active Low. This pin must stay low for at least 1 μs to trigger a hardware reset.
7, 8
IAP, IAN
Analog Inputs, Channel IA. The IAP (positive) and IAN (negative) inputs are fully differential voltage
inputs with a maximum differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
9, 10
IBP, IBN
Analog Inputs, Channel IB. The IBP (positive) and IBN (negative) inputs are fully differential voltage
inputs with a maximum differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
11, 12
ICP, ICN
Analog Inputs, Channel IC. The ICP (positive) and ICN (negative) inputs are fully differential voltage
inputs with a maximum differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
13, 14
INP, INN
Analog Inputs, Channel IN. The INP (positive) and INN (negative) inputs are fully differential voltage
inputs with a maximum differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
15
REFGND
Ground Reference, Internal Voltage Reference. Connect all grounds (GND, AGND, DGND, and REFGND)
together at one point.
16
REF
Voltage Reference. The REF pin provides access to the on-chip voltage reference. The on-chip reference
has a nominal value of 1.25 V. An external reference of 1.2 V to 1.25 V can also be connected at this pin. In
either case, decouple REF to REFGND with 0.1 μF ceramic capacitor in parallel with a ceramic 4.7 μF capacitor.
After reset, the on-chip reference is enabled. To use the internal voltage reference with external circuits, a
buffer is required. The full-scale values mentioned in this data sheet are for a voltage reference of 1.25 V.
17
NC1
No Connection. It is recommended to tie this pin to ground.
18
NC2
No Connection. It is recommended to tie this pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com