Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 79 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 75Page - Analog Devices ADE9078 Datasheet HTML 76Page - Analog Devices ADE9078 Datasheet HTML 77Page - Analog Devices ADE9078 Datasheet HTML 78Page - Analog Devices ADE9078 Datasheet HTML 79Page - Analog Devices ADE9078 Datasheet HTML 80Page - Analog Devices ADE9078 Datasheet HTML 81Page - Analog Devices ADE9078 Datasheet HTML 82Page - Analog Devices ADE9078 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 78 of 107
Addr.
Name
Description
Len
(Bits)
Reset
Access
0x028
BPHCAL2
Phase B multipoint phase correction factor. If multipoint phase and gain
calibration is disabled, with MTEN = 0 in the CONFIG0 register, the
BPHCAL0 phase compensation is applied. If multipoint phase and gain
correction is enabled, with MTEN = 1, the BPHCAL0 through BPHCAL4
value is applied based on the BIRMS current rms amplitude and the
MTTHR_Lx and MTTHR_Hx register values.
32
0x00000000
R/W
0x029
BPHCAL3
Phase B multipoint phase correction factor. If multipoint phase and gain
calibration is disabled, with MTEN = 0 in the CONFIG0 register, the
BPHCAL0 phase compensation is applied. If multipoint phase and gain
correction is enabled, with MTEN = 1, the BPHCAL0 through BPHCAL4
value is applied based on the BIRMS current rms amplitude and the
MTTHR_Lx and MTTHR_Hx register values.
32
0x00000000
R/W
0x02A
BPHCAL4
Phase B multipoint phase correction factor. If multipoint phase and gain
calibration is disabled, with MTEN = 0 in the CONFIG0 register, the
BPHCAL0 phase compensation is applied. If multipoint phase and gain
correction is enabled, with MTEN = 1, the BPHCAL0 through BPHCAL4
value is applied based on the BIRMS current rms amplitude and the
MTTHR_Lx and MTTHR_Hx register values.
32
0x00000000
R/W
0x02B
BVGAIN
Phase B voltage gain adjust.
32
0x00000000
R/W
0x02C
BIRMSOS
Phase B current rms offset for BIRMS calculation.
32
0x00000000
R/W
0x02D
BVRMSOS
Phase B voltage rms offset for BVRMS calculation.
32
0x00000000
R/W
0x02E
BPGAIN
Phase B power gain adjust for BWATT, BVA, BVAR, and BFVAR calculations.
32
0x00000000
R/W
0x02F
BWATTOS
Phase B total active power offset correction for BWATT calculation.
32
0x00000000
R/W
0x030
BVAROS
Phase B total reactive power offset correction for BVAR calculation.
32
0x00000000
R/W
0x032
BFVAROS
Phase B fundamental reactive power offset correction for BFVAR
calculation.
32
0x00000000
R/W
0x040
CIGAIN
Phase C current gain adjust.
32
0x00000000
R/W
0x041
CIGAIN0
Phase C multipoint gain correction factor. If multipoint gain and phase
compensation is enabled, with MTEN = 1 in the CONFIG0 register, an
additional gain factor, CIGAIN0 through CIGAIN4, is applied based on the
CIRMS current rms amplitude and the MTTHR_Lx and MTTHR_Hx register
values.
32
0x00000000
R/W
0x042
CIGAIN1
Phase C multipoint gain correction factor. If multipoint gain and phase
compensation is enabled, with MTEN = 1 in the CONFIG0 register, an
additional gain factor, CIGAIN0 through CIGAIN4, is applied based on the
CIRMS current rms amplitude and the MTTHR_Lx and MTTHR_Hx register
values.
32
0x00000000
R/W
0x043
CIGAIN2
Phase C multipoint gain correction factor. If multipoint gain and phase
compensation is enabled, with MTEN = 1 in the CONFIG0 register, an
additional gain factor, CIGAIN0 through CIGAIN4, is applied based on the
CIRMS current rms amplitude and the MTTHR_Lx and MTTHR_Hx register
values.
32
0x00000000
R/W
0x044
CIGAIN3
Phase C Multipoint gain correction factor. If multipoint gain and phase
compensation is enabled, with MTEN = 1 in the CONFIG0 register, an
additional gain factor, CIGAIN0 through CIGAIN4, is applied based on the
CIRMS current rms amplitude and the MTTHR_Lx and MTTHR_Hx register
values.
32
0x00000000
R/W
0x045
CIGAIN4
Phase C Multipoint gain correction factor. If multipoint gain and phase
compensation is enabled, with MTEN = 1 in the CONFIG0 register, an
additional gain factor, CIGAIN0 through CIGAIN4, is applied based on the
CIRMS current rms amplitude and the MTTHR_Lx and MTTHR_Hx register
values.
32
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com