Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 20Page - Analog Devices ADE9078 Datasheet HTML 21Page - Analog Devices ADE9078 Datasheet HTML 22Page - Analog Devices ADE9078 Datasheet HTML 23Page - Analog Devices ADE9078 Datasheet HTML 24Page - Analog Devices ADE9078 Datasheet HTML 25Page - Analog Devices ADE9078 Datasheet HTML 26Page - Analog Devices ADE9078 Datasheet HTML 27Page - Analog Devices ADE9078 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 23 of 107
of 4, full-scale output codes are generated with a 0.1765 V rms
input signal. Note that the voltages on the xP and xN pins must
be within ±0.6 V as described in this section and Table 1.
Write the x_GAIN bits in the PGA_GAIN register to configure
the gain for each channel.
Interfacing to Current and Voltage Sensors
Figure 32 and Figure 34 show the typical circuits to connect to
current transformer and Rogowski coil current sensors. Figure 33
shows the typical interface circuit to measure the mains voltage.
The antialiasing filter corner is chosen to be around 7 kHz to
provide sufficient attenuation of out of band signals near the
modulator clock frequency. The same RC filter corner is used
on voltage channels, as well, to avoid phase errors between current
and voltage signals. Note that the Rogowski coil (that is, a di/dt
sensor) input network has a second-order antialiasing filter. The
integrator used in conjunction to the Rogowski coil has a
−20 dB/dec attenuation and an approximately −90° phase shift.
When combined with a di/dt sensor, the resulting magnitude
and phase response is a flat gain over the frequency band of
interest. However, the di/dt sensor has a 20 dB/dec gain associated
with it, and it generates significant high frequency noise. An
antialiasing filter of at least the second order is required to avoid
noise aliasing back in the band of interest when the ADC is
sampling. See Figure 34 for the recommended antialiasing filter.
1kΩ
8.2Ω
22nF
AGND
IxP
IxN
0.656V rms max
100A RMS MAX
10A RMS NOM
CT
I
8.2Ω
1kΩ
22nF
AGND
2500:1
Figure 32. Application Circuit with a Current Transformer Current Sensor
1MΩ
1kΩ
22nF
AGND
VxP
VxN
0.240V rms
240V rms
1kΩ
22nF
NEUTRAL
PHASE
AGND
Figure 33. Application Circuit with Voltage Sensed Through Resistor Divider
1kΩ
IxP
IxN
0.3535V rms
22nF
22nF
100Ω
1kΩ
22nF
22nF
100Ω
Figure 34. Application Circuit with Rogowski Coil Current Sensor
Internal RF Immunity Filter
Energy metering applications require the meter to be immune to
external radio frequency fields of 30 V/m, from 80 MHz to 10 GHz,
according to IEC 61000-4-3. The ADE9078 has internal antialias-
ing filters to improve performance in testing because it is difficult
to filter these signals externally. The second-order, internal low-
pass filter has a corner frequency of 10 MHz. Note that external
antialias filters are required to attenuate frequencies above 7 kHz, as
shown in the Interfacing to Current and Voltage Sensors section.
Modes of Operation
Each ADC has two modes of operation: normal mode and
disabled mode.
In the normal mode, the ADCs turn on and sample continuously.
Use the CHNL_DIS register to disable the ADCs individually.
Four different power modes are available in the ADE9078 (see
the Power Modes section). All ADCs turn on during the PSM0
power mode. In the PSM1 power mode, all of the ADCs except for
the neutral current ADC are turned on. In PSM2 mode and
PSM3 mode, all ADCs are disabled and cannot be turned on.
Table 6. ADC Operation in PSMx Power Modes
PSMx Power Mode
ADC Mode of Operation
PSM0
Normal (on)
PSM1
IA, IB, IC, VA, VB, VC: normal (on)
IN: disabled (always off)
PSM2
Disabled (always off)
PSM3
Disabled (always off)
Output Data Rates and Format
When a conversion is complete, the DREADY bit of the STATUS0
register is set to 1. If the CF4_CFG bits in the CONFIG1 register
are equal to 11, the CF4/EVENT/DREADY pin corresponds to
DREADY and pulses high to indicate when seven new ADC
results are ready. Note that the DREADY update rate depends
on the data selected in the WF_SRC bits in the WFB_CFG register.
For the ADE9078, the modulator sampling rate (MODCLK) is
fixed at 1.024 MHz (CLKIN/12 = 12.288 MHz/12). The output
data rate of the sinc4 filter is 16 kHz (SINC_ODR = MODCLK/64),
whereas the low-pass filter/decimator stage yields an output rate
four times slower than the sinc4 filter output rate (SINC_ODR).
Figure 35 shows the digital filtering, which takes the 1.024 MHz
ADC samples and creates waveform information at a decimated
rate of 16 kHz or 4 kHz.
ANALOG
INPUT
Σ-∆ × 7
DIGITAL
MULTIBIT
SINC4
IIR LPF/
DECIMATOR
DIGITAL
WAVEFORM
WAVEFORM
BUFFER
(×7 CHANNELS)
1.024MHz
16kHz
4kHz
Figure 35. Datapath Following ADC Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com