Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 92 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 88Page - Analog Devices ADE9078 Datasheet HTML 89Page - Analog Devices ADE9078 Datasheet HTML 90Page - Analog Devices ADE9078 Datasheet HTML 91Page - Analog Devices ADE9078 Datasheet HTML 92Page - Analog Devices ADE9078 Datasheet HTML 93Page - Analog Devices ADE9078 Datasheet HTML 94Page - Analog Devices ADE9078 Datasheet HTML 95Page - Analog Devices ADE9078 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 91 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
9
REVPSUM3
This bit is set to indicate if the CF3 polarity
changed sign. See REVPSUM4.
0x0
R/W1
8
REVPSUM2
This bit is set to indicate if the CF2 polarity
changed sign. See REVPSUM4.
0x0
R/W1
7
REVPSUM1
This bit is set to indicate if the CF1 polarity
changed sign. See REVPSUM4.
0x0
R/W1
6
REVRPC
This bit indicates if the Phase C total or
fundamental reactive power has changed sign.
The PWR_SIGN_SEL bit in the EP_CFG register
selects whether total or fundamental reactive
power is monitored. This bit is updated when the
power values in the xVAR_ACC and xFVAR_ACC
registers have been updated, after PWR_TIME
4 kSPS samples.
0x0
R/W1
5
REVRPB
This bit indicates if the Phase B total or
fundamental reactive power has changed sign.
See REVRPC.
0x0
R/W1
4
REVRPA
This bit indicates if the Phase A total or
fundamental reactive power has changed sign.
See REVRPC.
0x0
R/W1
3
REVAPC
This bit indicates if the Phase C total active power
has changed sign. This bit is updated when the
power values in the xWATT_ACC and xWATT_ACC
registers have been updated, after PWR_TIME
4 kSPS samples.
0x0
R/W1
2
REVAPB
This bit indicates if the Phase B total active power
has changed sign. See REVAPC.
0x0
R/W1
1
REVAPA
This bit indicates if the Phase A total active power
has changed sign. See REVAPC.
0x0
R/W1
0
EGYRDY
This bit is set when the power values in the
xWATTHR, xVAHR, xVARHR, xFVARHR registers
have been updated, after EGY_TIME 4 kSPS
samples or line cycles, depending on the
EGY_TMR_MODE bit in the EP_CFG register.
0x0
R/W1
0x403 STATUS1
31
ERROR3
This bit indicates an error and generates a non-
maskable interrupt. Issue a software or hardware
reset to clear this error.
0x0
R/W1
30
ERROR2
This bit indicates that an error was detected and
corrected. No action is required.
0x0
R/W1
29
ERROR1
This bit indicates an error and generates a non-
maskable interrupt. Issue a software or hardware
reset to clear this error.
0x0
R
28
ERROR0
This bit indicates an error and generates a non-
maskable interrupt. Issue a software or hardware
reset to clear this error.
0x0
R
27
CRC_DONE
This bit is set to indicate when the configuration
register CRC calculation is done, after initiated by
writing the FORCE_CRC_UPDATE bit in the
CRC_FORCE register.
0x0
R/W1
26
CRC_CHG
This bit is set if any of the registers monitored by
the configuration register CRC change value. The
CRC_RSLT register holds the new configuration
register CRC value.
0x0
R/W1
[25:19] RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com