Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 38Page - Analog Devices ADE9078 Datasheet HTML 39Page - Analog Devices ADE9078 Datasheet HTML 40Page - Analog Devices ADE9078 Datasheet HTML 41Page - Analog Devices ADE9078 Datasheet HTML 42Page - Analog Devices ADE9078 Datasheet HTML 43Page - Analog Devices ADE9078 Datasheet HTML 44Page - Analog Devices ADE9078 Datasheet HTML 45Page - Analog Devices ADE9078 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 41 of 107
If VARACC = 0, the total and fundamental reactive energy
accumulation is signed. The MSB of the AVARHR_HI register
indicates whether the energy is negative or positive.
Other accumulation modes offered include positive only
accumulation mode with VARACC = 10, and negative only
accumulation mode where only negative reactive energy is
accumulated with VARACC = 11.
No Load Detection
No load detection prevents energy accumulation due to noise,
when the input currents are below a given meter start current.
To determine if a no load condition is present, the ADE9078
evaluates if the accumulated energy is below a user defined
threshold over a user defined time period. This no load
detection is done on a per phase and per energy basis.
The NOLOAD_TMR bits in the EP_CFG register determine
whether to evaluate the no load condition over 64 samples to
4096 samples (64/4 kSPS = 16 ms to 1.024 sec) by writing to the
NOLOAD_TMR bits as described in Table 19. No load detection is
enabled by default, over the minimum time of 64/4 kSPS = 16 ms.
No load detection is disabled when the NOLOAD_TMR[2:0] bits
in the EP_CFG register = 111b.
Table 19. No Load Condition Evaluation Time
NOLOAD_TMR
Samples to
Evaluate in No
Load Condition
TimeThat No Load
Detection Is Evaluated
(ms)
0
64
16
1
128
32
2
256
64
3
512
128
4
1024
256
5
2048
512
6
4096
1024
7
No load disabled
No load disabled
The user defined no load thresholds are written into the
ACT_NL_LVL, REACT_NL_LVL, and APP_NL_LVL registers.
The ACT_NL_LVL register sets the no load threshold for the
total active energy. Correspondingly the REACT_NL_LVL
register sets the no load threshold for total and fundamental
reactive energy whereas the APP_NL_LVL sets the no load
threshold for total apparent energy.
The no load thresholds are calculated according to the following
equation:
×
=
X
SCALE
FULL
xWATT
LVL
xNL
64
_
_
_
where:
xWATT_FULL_SCALE is the nominal xWATT value with full-
scale inputs, 20,823,646. Note that xVAR and VA have the same
scaling so the same value can be used for all three thresholds.
X is the desired no load input power level. For example, to set
the no load threshold to zero out energy below 50,000 from full
scale, X = 50,000.
Thus, for a 50,000:1 no load threshold level, xNL_LVL is
0x6804.
E
1
68
x
0
654
,
26
000
,
50
64
20,823,646
_
=
=


×
=
LVL
xNL
When a phase is in no load, every fDSP = 4 kSPS, zero energy is
accumulated into the energy registers and CF accumulation.
Note that the x_ACC registers are not affected by no load
detection. Even when in no load, any power calculated in the
respective xWATT, xVAR, and xVA registers is accumulated
into the corresponding x_ACC register every fDSP = 4 kSPS.
No Load Indications
The PHNOLOAD register indicates whether each phase of
energy is in no load. For example, Bit 2 through Bit 0 in the
PHNOLOAD register indicate whether Phase A total apparent
energy, reactive energy, and active energy are in phase on Bit 2
through Bit 0, respectively. If a bit is set, it indicates that the phase
energy is in no load—if it is clear, the phase is not in no load.
The user can enable an interrupt to occur when the no load
status of one of the per phase energy changes, either going into
or out of no load. There is an interrupt enable bit for each type
of energy. Set the RFNOLOAD, VANLOAD, RNLOAD, and
ANLOAD bits in the STATUS1 register to enable an interrupt
on IRQ1 when one or more phases of fundamental VAR, total
VA, total VAR, and total active power no load changes status.
There is also an option to indicate the no load status on
the EVENT pin (see the Interrupts/Events section for more
information).
Figure 62 shows what happens when the xWATT, low-pass
filtered active power value goes above the user configured, no
load threshold and then back down below it again. The same
concept applies to all of the energy values (total and
fundamental VAR, total VA) with the corresponding
REACT_NL_LVL and APP_NL_LVL no load thresholds.
LOW-PASS
FILTERED
ACTIVE POWER (xWATT)
ACTIVE ENERGY
NO LOAD THRESHOLD
(ACT_NL_LVL)
NO LOAD ACCUMULATION INTERVAL IS
SET IN NOLOAD_TMR
ACTIVE ENERGY
NO LOAD ACCUMULATOR
NO LOAD INDICATION
ANOLOAD)
ACTIVE ENERGY,
xWATTHR
Figure 62. No Load Detection and Indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com