Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 12 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 8Page - Analog Devices ADE9078 Datasheet HTML 9Page - Analog Devices ADE9078 Datasheet HTML 10Page - Analog Devices ADE9078 Datasheet HTML 11Page - Analog Devices ADE9078 Datasheet HTML 12Page - Analog Devices ADE9078 Datasheet HTML 13Page - Analog Devices ADE9078 Datasheet HTML 14Page - Analog Devices ADE9078 Datasheet HTML 15Page - Analog Devices ADE9078 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 11 of 107
Pin No.
Mnemonic
Description
19, 20
VAN, VAP
Analog Inputs, Channel VA. The VAP (positive) and VAN (negative) inputs are fully differential voltage
inputs with a maximum differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
21, 22
VBN, VBP
Analog Inputs, Channel VB. The VBP (positive) and VBN (negative) inputs are fully differential voltage
inputs with a maximum differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
23, 24
VCN, VCP
Analog Inputs, Channel VC. The VCP (positive) and VCN (negative) inputs are fully differential voltage
inputs with a maximum differential level of ±1 V. This channel also has an internal PGA of 1, 2, or 4.
25
AVDDOUT
1.9 V Output of the Analog Low Dropout Regulator (LDO). Decouple AVDDOUT with a 0.1 µF ceramic
capacitor in parallel with a ceramic 4.7 µF capacitor. Do not connect external active circuitry to this pin.
26
AGND
Analog Ground Reference. Connect all grounds (GND, AGND, DGND, and REFGND) together at one point.
27
VDD
Supply Voltage. The VDD pin provides the supply voltage. Decouple VDD to GND with a ceramic 0.1 µF
capacitor in parallel with a ceramic 10 µF capacitor.
28
GND
Supply Ground Reference. Connect all grounds (GND, AGND, DGND, and REFGND) together at one point.
29
CLKIN
Crystal/Clock Input. Connect a crystal across CLKIN and CLKOUT to provide a clock source. See the Crystal
Selection section for details on choosing a suitable crystal. Alternatively, an external clock can be
provided at this logic input.
30
CLKOUT
Crystal Output. Connect a crystal across CLKIN and CLKOUT to provide a clock source. When using CLKOUT
to drive external circuits, connect an external buffer. When using an external clock on CLKIN, leave
CLKOUT unconnected.
31
IRQ0
Interrupt Request Output. This pin is an active low logic output. See the Interrupts/Events section for
information about events that trigger interrupts.
32
IRQ1
Interrupt Request Output. This pin is an active low logic output. See the Interrupts/Events section for
information about events that trigger interrupts.
33
CF1
Calibration Frequency (CF) Logic Output 1. The CF1, CF2, CF3, and CF4 outputs provide power
information based on the CFxSEL bits in the CFMODE register. Use these outputs for operational and
calibration purposes. Scale the full-scale output frequency by writing to the CFxDEN registers (see the
Digital to Frequency Conversion—CFx Output section).
34
CF2
CF Logic Output 2. This pin indicates CF2.
35
CF3/ZX
CF Logic Output 3/Zero Crossing. This pin indicates CF3 or zero crossing.
36
CF4/EVENT/DREADY
CF Logic Output 4/Event Pin/Data Ready. This pin indicates CF4, events, or when new data is ready.
37
SCLK
Serial Clock Input for the SPI Port. All serial data transfers synchronize to this clock (see the Accessing
On-Chip Data section). The SCLK pin has a Schmitt trigger input for use with a clock source that has a
slow edge transition time, for example, optoisolator outputs.
38
MISO
Data Output for the SPI Port.
39
MOSI
Data Input for the SPI Port.
40
SS
Slave Select for the SPI Port.
EP
Exposed Pad. Create a similar pad on the printed circuit board (PCB) under the exposed pad. Solder the
exposed pad to the pad on the PCB to confer mechanical strength to the package and connect all
grounds (GND, AGND, DGND, and REFGND) together at this point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com