Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 31 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 27Page - Analog Devices ADE9078 Datasheet HTML 28Page - Analog Devices ADE9078 Datasheet HTML 29Page - Analog Devices ADE9078 Datasheet HTML 30Page - Analog Devices ADE9078 Datasheet HTML 31Page - Analog Devices ADE9078 Datasheet HTML 32Page - Analog Devices ADE9078 Datasheet HTML 33Page - Analog Devices ADE9078 Datasheet HTML 34Page - Analog Devices ADE9078 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 30 of 107
It is also possible to use the current channel gain register to
change the sign of the current channel, which may be useful if
the current sensor was installed backwards. To compensate for
this situation, use current channel gain = −1.
xIGAIN = round((−1 − 1) × 227) = −268,435,456 =
0xF000 0000
If the multipoint gain and phase feature is used, it is
recommended to use the xIGAIN for the main correction,
performed at the nominal current for the meter (see the
Multipoint Gain and Phase Calibration section for more
information).
Note that for a given phase,
|Current Channel Gain × Voltage Channel Gain ×
Power Gain| ≤ 3.75
IB Calculation Using ICONSEL
Write the ICONSEL bit in the ACCMODE register to calculate
IB = −IA − IC. This setting can help save the cost of a current
transformer in some 3-wire delta configurations. See the Applying
the ADE9078 to a 3-Wire Delta Service section for more
information.
High-Pass Filter
A high-pass filter is provided to remove dc offsets for accurate
rms and energy measurements.
The ADE9078 high-pass filter on the current and voltage channels
is enabled by default. It can be disabled by writing the DISPHPF bit
in the CONFIG0 register = 1.
It is recommended to leave the high-pass filter enabled to achieve
the metering performance listed in the specifications in Table 1.
For some applications, it is desirable to increase the high-pass
filter corner, such as to improve performance when a Rogowski
coil current sensor is used.
The high-pass filter corner is selectable using the HPF_CRN bits in
the CONFIG2 register.
Table 10. HPF Corner Gain with 50 Hz Input Signal
HPF_
CRN
f−3 dB
(Hz)
HPF_
GAIN
Settling Time
to 1% for DC
Step (sec)
Settling Time
to 0.1% for DC
Step (sec)
0
38.7
0.80
0.0178
0.0268
1
19.6
0.94
0.0363
0.0544
2
9.90
0.99
0.0731
0.1097
3
4.97
1.00
0.1468
0.2202
4
2.49
1.00
0.2942
0.4412
5
1.25
1.00
0.5889
0.8833
6 (default)
0.625
1.00
1.1784
1.7675
7
0.313
1.00
2.3573
3.5359
Digital Integrator
A digital integrator is included to allow easy interfacing to di/dt
current sensors, also known as Rogowski coils. The di/dt sensor
output increases 20 dB/decade over the frequency range. To
compensate for this increased output, the digital integrator applies
−20 dB/decade gain with a phase shift of approximately −90°.
A second-order antialiasing filter is required to avoid noise
aliasing back in the band of interest when the ADC is sampling.
To enable the digital integrator on the IA, IB, and IC channels,
set the INTEN bit in the CONFIG0 register. To enable the digital
integrator on the neutral current, IN channel, set the ININTEN bit
in the CONFIG0 register.
Figure 44 through Figure 47 show the magnitude and phase
response of the ADE9078 digital integrator with the
recommended DICOEFF value of 0xFFFFE000.
FREQUENCY (Hz)
–150
0.1
1
10
100
1k
–100
–50
0
50
Figure 44. Digital Integrator Magnitude Response, DICOEFF = 0xFFFFE000
FREQUENCY (Hz)
0
400
800
1200
1600
2000
Figure 45. Digital Integrator Phase Response, DICOEFF = 0xFFFFE000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com