Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 50Page - Analog Devices ADE9078 Datasheet HTML 51Page - Analog Devices ADE9078 Datasheet HTML 52Page - Analog Devices ADE9078 Datasheet HTML 53Page - Analog Devices ADE9078 Datasheet HTML 54Page - Analog Devices ADE9078 Datasheet HTML 55Page - Analog Devices ADE9078 Datasheet HTML 56Page - Analog Devices ADE9078 Datasheet HTML 57Page - Analog Devices ADE9078 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 53 of 107
Figure 78 shows a phase sequence error for a 4-wire wye or 4-
wire delta due to a wiring or installation error.
ZXA
ZXB
PHASE SEQUENCE ERROR
(SEQERR = 1)
SEQERR
A,B,C
PHASE
VOLTAGES
AFTER
LPF1
ZXC
Figure 78. 4-Wire Wye and 4-Wire Delta Phase Sequence Error (Wiring Error)
Figure 79 shows that in an installation with the normal phase
sequence, a phase sequence error is generated if a phase voltage
drops below the ZXTHRSH value.
ZXC
ZXB
A,B,C
PHASE
VOLTAGES
AFTER
LPF1
PHASE SEQUENCE ERROR
ZXC
ZXB
ZXC
ZXB
SEQERR
ZXA
Figure 79. 4-Wire Wye, 4-Wire Delta Phase Sequence Error from a Phase
Voltage Dropping Below ZXTHRSH with SEQ_CYC = 1
3-Wire Delta
For a 3-wire delta system, VCONSEL = 001 or 100 as described
in the Applications Information section. In a 3-wire delta
system, the ZXVC and ZXVA positive to negative (ZXx_POS)
and negative to positive (ZXx_NEG) transitions are monitored
to detect a phase sequence error. Figure 80 shows the normal
phase sequence for a 3-wire delta with VCONSEL = 001.
ZXA_POS ZXC_NEG
PHASE A
= VAB
PHASE C
= VCB
VA,VC
AFTER LPF1
ZXC_POS
NORMAL PHASE SEQUENCE
SEQERR = 0
ZXA_NEG
Figure 80. 3-Wire Delta Normal Phase Sequence
Write SEQ_CYC to indicate how many consecutive incorrect
transitions must be observed before raising the SEQ_ERR
interrupt. It is recommended to set SEQ_CYC to 1. Figure 81
shows an installation error for 3-wire delta that results in a
detected phase sequence error.
SEQERR
SEQERR
SET TO 1
ZXC_POS ZXA_NEG
PHASE C
= VCB
PHASE A
= VAB
VA, VC
AFTER LPF1
ZXA_POS
ZXC_NEG
Figure 81. 3-Wire Delta Phase Sequence Error (Wiring Error)
Figure 82 shows that in an installation with the normal phase
sequence, a phase sequence error is generated if one of the
phase voltages drops below the ZXTHRSH value.
ZXC_NEG
ZXA_POS
PHASE C PHASE A
VA, VB, VC
AFTER LPF1
ZXA_NEG
SEQERR
ZXA_NEG
ZXA_POS
ZXA_POS
ZXA_NEG
IRQ1
SEQERR
SET TO 1
WRITE SEQERR = 1
TO ACKNOWLEDGE THIS EVENT
AND CLEAR SEQERR
ZXC_POS
Figure 82. 3-Wire Delta Phase Sequence Error from a Phase Voltage
Dropping Below ZXTHRSH with SEQ_CYC = 1
Peak Detection
The ADE9078 records the peak value measured on the current
and voltage channels, from the xI_PCF and xV_PCF
waveforms. The PEAKSEL bits in the CONFIG3 register allow
the user to select which phases to monitor. Set PEAKSEL, Bit 2
to monitor Phase C; PEAKSEL, Bit 1 for Phase B; and
PEAKSEL, Bit 0 for Phase A. Set PEAKSEL = 111b to monitor
all three phases.
The IPEAK register stores the peak current value in
IPEAKVAL, Bits[23:0] and indicates which phase currents
reached the value in the IPPHASE bits. IPEAKVAL is equal to
xI_PCF/25.
IPPHASE, Bit 2 indicates that Phase C had the peak value;
IPPHASE, Bit 1 indicates Phase B; and IPPHASE, Bit 0 indicates
Phase A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com