Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 70 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 66Page - Analog Devices ADE9078 Datasheet HTML 67Page - Analog Devices ADE9078 Datasheet HTML 68Page - Analog Devices ADE9078 Datasheet HTML 69Page - Analog Devices ADE9078 Datasheet HTML 70Page - Analog Devices ADE9078 Datasheet HTML 71Page - Analog Devices ADE9078 Datasheet HTML 72Page - Analog Devices ADE9078 Datasheet HTML 73Page - Analog Devices ADE9078 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 69 of 107
Stop Filling on Trigger
When WF_CAP_SEL = 1 and WF_MODE = 1, stop filling on
trigger mode is selected. It is recommended to use this mode to
analyze the ADC samples leading up to an event of interest.
In this mode, the waveform buffer is filled continuously. After
the entire buffer is filled up to Address 0xFFF, the filling
continues from Address 0x800 in a circular fashion. The events
listed in Table 28 are classified as trigger events. Upon receiving
an enabled trigger event, the ADE9078 stops filling the
waveform buffer.
The events listed in Table 28 can be enabled as waveform buffer
triggers in the WFB_TRG_CFG register.
Table 28. Waveform Buffer Trigger Events in the
WFB_TRG_CFG Register
Bit(s)
Bit Name
Comment
10
TRIG_FORCE
Set this bit to trigger an event to stop
the waveform buffer filling
9
ZXCOMB
ZX on combined signal from VA, VB, VC
8
ZXVC
ZX event in Phase C voltage
7
ZXVB
ZX event in Phase B voltage
6
ZXVA
ZX event in Phase A voltage
5
ZXIC
ZX event in Phase C current
4
ZXIB
ZX event in Phase B current
3
ZXIA
ZX event in Phase A current
[2:0]
Reserved
Reserved
The trigger events in the WFB_TRG_CFG register, Bits[10:3]
correspond to interrupt events within the ADE9078 with the
exception of the TRIG_FORCE bit. The user can set the
TRIG_FORCE bit, Bit 10 in the WFB_TRG_CFG register, to
stop the filling the waveform buffer in this mode.
When one of the events configured in WFB_TRG_CFG occurs,
the WFB_TRIG bit is set in the STATUS0 register. This bit can
be configured to generate an interrupt on the IRQ0 pin.
After the filling of the buffer stops, the WFB_TRG_IRQ bit is
set in the STATUS0 register. WFB_TRG_IRQ can also be
configured to generate an interrupt on the IRQ0 pin. At this
time, the address of the IN waveform of the last sample set is
stored in the WFB_TRIG_ADDR bits of the WFB_TRG_STAT
register. Because the filling stops when the event occurs, any
sample sets with addresses greater than the WFB_TRIG_ADDR
register contain old data.
To ensure that a buffer’s worth of samples are captured before
the event, follow this sequence:
1. Select stop capture on trigger mode by setting
WF_CAP_SEL = 1 and WF_MODE = 1.
2. Disable all trigger events by writing WFB_TRG_CFG = 0.
3. Ensure that the buffer is filled one time by enabling an
interrupt to occur on IRQ0 when the last page is filled by
setting only Bit 15 in the WFB_PG_IRQEN register and
enabling the PAGE_FULL bit in the STATUS0 register.
Alternatively, read the LAST_PAGE register instead of
using the interrupt.
4. Start the capture by writing WF_CAP_EN = 1.
5. Wait for the buffer to be filled, indicated by when the
PAGE_FULL interrupt occurs or LAST_PAGE = 15.
6. Then, enable the desired waveform buffer events in the
WFB_TRG_CFG register and set the WFB_TRIG_IRQ bit
in STATUS0 to generate an interrupt when the event has
occurred and the waveform buffer has stopped filling.
7. When the WFB_TRIG_IRQ occurs, read WFB_TRIG_ADDR
to see the address of the trigger event, which is within a
sample or two of when the event occurred and is the last
filled address.
Waveform buffer values are retained when the waveform buffer
is disabled by clearing WF_CAP_EN in the WFB_CFG register;
however WFB_LAST_PAGE and WFB_TRIG_ADDR are reset
when that bit is cleared. Read the WFB_LAST_PAGE and
WFB_TRIG_ ADDR bits before writing WF_CAP_EN = 0.
Trigger events given in Table 28 must be enabled or disabled
before enabling the waveform buffer by writing to the
WFB_TRG_CFG register.
To perform the next filling operation in the stop filling on trigger
mode, disable the waveform buffer by clearing the WF_CAP_
EN bit of the WFB_CFG and then enable it again by setting the
same bit to 1. Note that if the TRIG_FORCE bit was set to force
a trigger that it must be cleared in the WFB_TRG_CFG register
before starting the next capture (before writing WF_CAP_EN = 1).
Center Capture Around Trigger
The center capture around trigger mode is enabled when
WF_CAP_SEL = 1 and WF_MODE = 2 and is similar to the
stop on trigger, except that the waveform buffer does not stop
filling after the trigger event. Even after the occurrence of the
trigger event, the filling of the buffer continues to occur for the
next 1024 32-bit memory locations before stopping. It is
recommended to use this mode to analyze samples before and
after an event. See the Stop Filling on Trigger section for more
information about trigger events.
Note that in the center trigger mode, the WFB_TRIG bit in
STATUS0 is set when the enabled trigger event occurs while the
WFB_TRG_IRQ bit in STATUS0 is set when the 1024 additional
memory locations are filled and the waveform buffer filling stops.
Both of these status bits can be configured to generate an
interrupt on the IRQ0 pin. Calculate the last filled address,
using WFB_TRIG_ADDR, as follows:
Last Filled Address = WFB_TRIG_ADDR − 1024
where WFB_TRIG_ADDR +1024 > 0xFFF.
Last Filled Address = WFB_TRIG_ADDR + 1024
where WFB_TRIG_ADDR + 1024 ≤ 0xFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com