Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 99 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 95Page - Analog Devices ADE9078 Datasheet HTML 96Page - Analog Devices ADE9078 Datasheet HTML 97Page - Analog Devices ADE9078 Datasheet HTML 98Page - Analog Devices ADE9078 Datasheet HTML 99Page - Analog Devices ADE9078 Datasheet HTML 100Page - Analog Devices ADE9078 Datasheet HTML 101Page - Analog Devices ADE9078 Datasheet HTML 102Page - Analog Devices ADE9078 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 98 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
[14:12] VA_DIN
VA channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b then:
0x7
R/W
111 VA ADC data.
[11:9]
IN_DIN
IN channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b then:
0x7
R/W
111 IN ADC data.
[8:6]
IC_DIN
IC channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b then:
0x7
R/W
111 IC ADC data.
[5:3]
IB_DIN
IB channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b then:
0x7
R/W
111 IB ADC data.
[2:0]
IA_DIN
IA channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b then:
0x7
R/W
111 IA ADC data.
0x425 CF_LCFG
[31:23] RESERVED
Reserved.
0x0
R
22
CF4_LT
If this bit is set, the CF4 pulse width is determined
by the CF_LTMR register value. If this bit = 0, the
active low pulse width is set at 80 ms for
frequencies lower than 6.25 Hz.
0x0
R/W
21
CF3_LT
If this bit is set, the CF3 pulse width is determined
by the CF_LTMR register value. If this bit = 0, the
active low pulse width is set at 80 ms for
frequencies lower than 6.25 Hz.
0x0
R/W
20
CF2_LT
If this bit is set, the CF2 pulse width is determined
by the CF_LTMR register value. If this bit = 0, the
active low pulse width is set at 80 ms for
frequencies lower than 6.25 Hz.
0x0
R/W
19
CF1_LT
If this bit is set, the CF1 pulse width is determined
by the CF_LTMR register value. If this bit = 0, the
active low pulse width is set at 80 ms for
frequencies lower than 6.25 Hz.
0x0
R/W
[18:0]
CF_LTMR
If the CFx_LT bit in CF_LCFG register is set, this
value determines the active low pulse width of the
CFx pulse.
0x0
R/W
0x472 PART_ID
[31:22] RESERVED
Reserved.
0x0
R
21
AD73370_ID
This bit is set to identify an AD73370 IC.
0x0
R
20
ADE9000_ID
This bit is set to identify an ADE9000 IC.
0x0
R
[19:17] RESERVED
Reserved.
0x0
R
16
ADE9004_ID
This bit is set to identify an ADE9004 IC.
0x0
R
[15:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com