Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 59 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 55Page - Analog Devices ADE9078 Datasheet HTML 56Page - Analog Devices ADE9078 Datasheet HTML 57Page - Analog Devices ADE9078 Datasheet HTML 58Page - Analog Devices ADE9078 Datasheet HTML 59Page - Analog Devices ADE9078 Datasheet HTML 60Page - Analog Devices ADE9078 Datasheet HTML 61Page - Analog Devices ADE9078 Datasheet HTML 62Page - Analog Devices ADE9078 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 58 of 107
NON-BLONDEL COMPLIANT METERS
Blondel’s theorem states that there must be n − 1 measuring
elements in a meter, where n is the number of the wires of the
electric system. In this way, a Blondel compliant 4-wire wye or
4-wire delta measures three voltages and three currents. In a
3-wire delta service, at least two voltages and two currents must
be measured to be Blondel compliant.
IEC meter forms are all Blondel compliant. ANSI has some meter
forms that are not Blondel compliant, meaning that there are
fewer than n − 1 elements, so that in a 4-wire wye or 4-wire delta
configuration, two voltages and three currents are measured. The
ADE9078 has provisions to deal with non-Blondel compliant meter
forms. Use the VCONSEL bits in the ACCMODE register to select
what calculation to use for VB based on the VA and VC signals.
Table 23. Non-Blondel Compliant Meter Forms
Service Type
Non-Blondel
Compliant
ANSI Meter
Form
VCONSEL
VB
Calculation
4-Wire Wye, Two Voltages,
Three Currents
6S, 7S, 14S, 29S,
36S, 46S, 76S
010
VB = −VA −
VC
4-Wire Delta, Two
Voltages, Three Currents
8S, 15S, 24S
011
VB = −VA
APPLYING THE ADE9078 TO A 4-WIRE WYE SERVICE
For the highest level of performance when measuring a 4-wire
wye service, connect the neutral to ground, as shown in Figure 89.
For this configuration, VCONSEL = 000.
VAP
VBP
VCP
VAN
AGND
DGND
NEUTRAL
VBN
VCN
VBN
VB
220V
–120°
–120°
0.353V
220V
120°
120°
0.353V
PHASE C
VCN
VC
PHASE A
PHASE B
VAN
VA
220V
0°
220V
–120°
220V
120°
PHASE C
PHASE A
PHASE B
220V
0°
0.353V 0°
VCONSEL = 000
VA, VB, VC
Figure 89. 4-Wire Wye, Neutral Connected to Ground
Alternatively, a series impedance can be used on the neutral, as
shown in Figure 90, which can be advantageous if an isolated
power supply is used. Note that this configuration has poor
performance if the phase voltages are not balanced. For more
information, see the AN-1334 Application Note. For this
configuration, VCONSEL = 000.
NEUTRAL
VAP
VBP
VCP
VAN
AGND
DGND
VBN
VCN
VBN
VB
220V
–120°
–120°
0.353V
220V
120°
120°
0.353V
PHASE C
VCN
VC
PHASE A
PHASE B
VA
220V
0°
220V
–120°
220V
120°
PHASE C
PHASE A
PHASE B
220V
0°
0.353V 0°
VCONSEL = 000
VA, VB, VC
NEUTRAL ATTENUATION
NETWORK
Figure 90. 4-Wire Wye, Series Impedance on the Neutral
Phase sequence error detection is performed based on the
expected ABC sequence (see the Phase Sequence Error
Detection section for more information).
To calculate the overall power consumed by the system (active,
reactive, and apparent), add the contribution from the Phase A,
Phase B, and Phase C accumulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com