Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 16 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 12Page - Analog Devices ADE9078 Datasheet HTML 13Page - Analog Devices ADE9078 Datasheet HTML 14Page - Analog Devices ADE9078 Datasheet HTML 15Page - Analog Devices ADE9078 Datasheet HTML 16Page - Analog Devices ADE9078 Datasheet HTML 17Page - Analog Devices ADE9078 Datasheet HTML 18Page - Analog Devices ADE9078 Datasheet HTML 19Page - Analog Devices ADE9078 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 15 of 107
RMS LINEARITY OVER TEMPERATURE AND RMS ERROR OVER FREQUENCY
Sinusoidal current and voltage with variable amplitudes from 100% of full scale down to 0.02% of full scale using a frequency of 50 Hz;
variable frequency between 45 Hz and 65 Hz; sinusoidal current amplitude of 10% of full scale and voltage amplitude of 50% of full scale;
integrator off.
–0.5
–0.3
–0.1
0.1
0
0.3
0.5
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 14. Current RMS Error as a Percentage of Reading over Temperature
–0.5
–0.3
–0.1
0.1
0
0.3
0.5
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 15. Voltage RMS Error as a Percentage of Reading over Temperature
40
45
50
55
60
65
70
LINE FREQUENCY (Hz)
Figure 16. Current RMS Error as a Percentage of Reading vs. Line Frequency
40
45
50
55
60
65
70
LINE FREQUENCY (Hz)
Figure 17. Voltage RMS Error as a Percentage of Reading vs. Line Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com