Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 26Page - Analog Devices ADE9078 Datasheet HTML 27Page - Analog Devices ADE9078 Datasheet HTML 28Page - Analog Devices ADE9078 Datasheet HTML 29Page - Analog Devices ADE9078 Datasheet HTML 30Page - Analog Devices ADE9078 Datasheet HTML 31Page - Analog Devices ADE9078 Datasheet HTML 32Page - Analog Devices ADE9078 Datasheet HTML 33Page - Analog Devices ADE9078 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 29 of 107
Current Channel Measurement Update Rates
Table 9 indicates the registers that hold current channel
measurements and the rate at which they update.
Table 9. Current Channel Measurement Update Rates
Register Name
Description
Update
Rate
(kSPS)
AI_SINC_DAT
IA sinc4 filter output
16
BI_SINC_DAT
IB sinc4 filter output
16
CI_SINC_DAT
IC sinc4 filter output
16
NI_SINC_DAT
IN sinc4 filter output
16
AI_LPF__DAT
IA sinc4 + IIR low-pass filter
output and decimation
4
BI_LPF__DAT
IB sinc4 + IIR low-pass filter
output and decimation
4
CI_LPF__DAT
IC sinc4 + IIR low-pass filter
output and decimation
4
NI_LPF__DAT
IN sinc4 + IIR low-pass filter
output and decimation
4
AI_PCF
Instantaneous current on IA
4
BI_PCF
Instantaneous current on IB
4
CI_PCF
Instantaneous current on IC
4
NI_PCF
Instantaneous current on IN
4
AIRMS
Filtered based total rms of IA
4
BIRMS
Filtered based total rms of IB
4
CIRMS
Filtered based total rms of IC
4
NIRMS
Filtered based total rms of IN
4
ISUMRMS
Filtered rms of sum of
instantaneous currents
(AI_PCF + BI_PCF +
CI_PCF ± NI_PCF) (see the
Neutral Current RMS, RMS of
Sum of Instantaneous
Currents section)
4
IPEAK
Peak current channel
sample (see the Peak
Detection section)
4
ANGLx_x
Voltage to current or
current to current phase
angle (see the Angle
Measurement section)
CLKIN/24 =
512
ADC_REDIRECT Multiplexer
The ADE9078 provides a multiplexer that allows any ADC
output to be redirected to any digital processing datapath.
By default, each modulator is mapped to its corresponding
datapath. For example, the IAP and IAN pins go into the IA
modulator, which is mapped to the IxA digital processing
datapath. Write to the ADC_REDIRECT register to change the
ADC to digital channel mapping.
The redirection can be useful to simplify PCB layout,
depending on if the ADE9078 is on the top or bottom of the
PCB by redirecting the IA ADC output to the IC digital datapath
and the IC ADC output to the IA digital datapath. To achieve
this configuration, write IA_DIN = 010 and IC_DIN = 000 in
the ADC_REDIRECT register.
Alternatively, the VA voltage channel output can be used for all
three datapaths by writing VB_DIN = 100 and VC_DIN = 100
in the ADC_REDIRECT register.
The neutral current channel does not offer a zero-crossing
output or angle measurements. To calibrate the phase of the
neutral current NI_PCF signal, direct the neutral current ADC
output to Phase B digital current channel and check how its
angle corresponds to Phase A by writing IA_DIN = 111.
REFERENCE
Σ-Δ
MODULATOR
VIN
IA_DIN[2:0]
AI_SINC_DAT
AI_LPF_DAT
IA_MOD
011
IB_MOD
IC_MOD
IN_MOD
VA_MOD
VB_MOD
VC_MOD
IA_MOD
000
001
010
100
101
110
111
Figure 43. ADC_REDIRECT Modulator to Digital Datapath Multiplexing
Current Channel Gain, xIGAIN
There are many sources of gain error in an energy metering
system. The current sensor, including current transformer burden
resistors, may have some error. There is device to device gain
error in the ADE9078 device itself and the voltage reference
may have some variation (see Table 1 for the device
specifications).
The ADE9078 provides a current gain calibration register so
that each metering device has the same current channel scaling.
The current channel gain varies with xIGAIN as shown in the
following equation:
GAIN
HPF
xIGAIN
Gain
Channel
Current
_
2
1
27
×
 +
=
Use the following equation to calculate the xIGAIN value for a
given current channel gain:
xIGAIN = round((Current Channel Gain − 1) × 227)
where round() is a function to round to the nearest integer.
The current channel gain can be positive or negative.
For example, to increase the gain of the current channel up by
10% to 1.1,
xIGAIN = round((1.1 − 1) × 227) = 13,421,773 =
0x00CC CCCD
To decrease the gain by 10% to 0.9:
xIGAIN = round((0.9 − 1) × 227) = −13,421,773 =
0xFF33 3333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com