Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 11Page - Analog Devices ADE9078 Datasheet HTML 12Page - Analog Devices ADE9078 Datasheet HTML 13Page - Analog Devices ADE9078 Datasheet HTML 14Page - Analog Devices ADE9078 Datasheet HTML 15Page - Analog Devices ADE9078 Datasheet HTML 16Page - Analog Devices ADE9078 Datasheet HTML 17Page - Analog Devices ADE9078 Datasheet HTML 18Page - Analog Devices ADE9078 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 14 of 107
TOTAL ENERGY ERROR OVER FREQUENCY
Sinusoidal voltage with a constant amplitude of 50% of full scale; sinusoidal current with a constant amplitude of 10% of full scale;
variable frequency between 45 Hz and 65 Hz; integrator off.
40
45
50
55
60
65
70
LINE FREQUENCY (Hz)
POWER FACTOR = 1
POWER FACTOR = 0.5
POWER FACTOR = –0.5
Figure 12. Total Active Energy Error as a Percentage of Reading vs. Line
Frequency, PF = −0.5, +0.5, and +1
–0.10
–0.05
0
0.05
0.10
40
45
50
55
60
65
70
LINE FREQUENCY (Hz)
POWER FACTOR = 0
POWER FACTOR = 0.866
POWER FACTOR = –0.866
Figure 13. Total Reactive Energy Error as a Percentage of Reading vs. Line
Frequency, PF = −0.866, 0, and +0.866



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com