Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 91 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 87Page - Analog Devices ADE9078 Datasheet HTML 88Page - Analog Devices ADE9078 Datasheet HTML 89Page - Analog Devices ADE9078 Datasheet HTML 90Page - Analog Devices ADE9078 Datasheet HTML 91Page - Analog Devices ADE9078 Datasheet HTML 92Page - Analog Devices ADE9078 Datasheet HTML 93Page - Analog Devices ADE9078 Datasheet HTML 94Page - Analog Devices ADE9078 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 90 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x401 VPEAK
[31:27] RESERVED
Reserved.
0x0
R
[26:24] VPPHASE
These bits indicate which phases generate
VPEAKVAL value. Note that the PEAKSEL[2:0] bits
in the CONFIG3 register determine which voltage
channels to monitor the peak value on. When
VPPHASE[0] is 1, Phase A voltage generated
VPEAKVAL[23:0] value. Similarly, VPPHASE[1]
indicates Phase B and VPPHASE[2] indicates Phase
C voltage generated the peak value.
0x0
R
[23:0]
VPEAKVAL
The VPEAK register stores the absolute value of the
peak voltage. VPEAK is equal to xV_PCF/25.
0x0
R
0x402 STATUS0
[31:25] RESERVED
Reserved.
0x0
R
24
MISMTCH
This bit is set to indicate a change in the
relationship between ISUMRMS and ISUMLVL.
0x0
R/W1
23
COH_WFB_FULL
This bit is set when the waveform buffer is full with
resampled data, which is selected when
WF_CAP_SEL = 0 in the WFB_CFG register.
0x0
R/W1
22
WFB_TRIG
This bit is set when one of the events configured in
WFB_TRIG_CFG occurs.
0x0
R/W1
21
PF_RDY
This bit goes high to indicate when the power
factor measurements have been updated, every
1.024 sec.
0x0
R/W1
[20:19] RESERVED
Reserved.
0x0
R
18
PWRRDY
This bit is set when the power values in the
xWATT_ACC, xVA_ACC, xVAR_ACC, xFVAR_ACC
registers have been updated, after PWR_TIME
4 kSPS samples.
0x0
R/W1
17
PAGE_FULL
This bit is set when a page enabled in the
WFB_PG_IRQEN register has been filled with fixed
data rate samples, when WF_CAP_SEL bit in the
WFB_CFG register = 0.
0x0
R/W1
16
WFB_TRIG_IRQ
This bit is set when the waveform buffer has
stopped filling after an event configured in
WFB_TRIG_CFG occurs. This happens with fixed
data rate samples only, when WF_CAP_SEL bit in
the WFB_CFG register = 0.
0x0
R/W1
15
DREADY
This bit is set when new waveform samples are
ready. The update rate depends on the data
selected in the WF_SRC bits in the WFB_CFG
register.
0x0
R/W1
14
CF4
This bit is set when a CF4 pulse is issued, when the
CF4 pin goes from a high to low state.
0x0
R/W1
13
CF3
This bit is set when a CF3 pulse is issued, when the
CF3 pin goes from a high to low state.
0x0
R/W1
12
CF2
This bit is set when a CF2 pulse is issued, when the
CF2 pin goes from a high to low state.
0x0
R/W1
11
CF1
This bit is set when a CF1 pulse is issued, when the
CF1 pin goes from a high to low state.
0x0
R/W1
10
REVPSUM4
This bit is set to indicate if the CF4 polarity
changed sign. For example, if the last CF4 pulse
was positive reactive energy and the next CF4
pulse is negative reactive energy, the REVPSUM4
bit is set. This bit is updated when a CF4 pulse is
output, when the CF4 pin goes from high to low.
0x0
R/W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com