Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 83 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 79Page - Analog Devices ADE9078 Datasheet HTML 80Page - Analog Devices ADE9078 Datasheet HTML 81Page - Analog Devices ADE9078 Datasheet HTML 82Page - Analog Devices ADE9078 Datasheet HTML 83Page - Analog Devices ADE9078 Datasheet HTML 84Page - Analog Devices ADE9078 Datasheet HTML 85Page - Analog Devices ADE9078 Datasheet HTML 86Page - Analog Devices ADE9078 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 82 of 107
Addr.
Name
Description
Len
(Bits)
Reset
Access
0x32C
BVARHR_LO
Phase B accumulated total reactive energy, LSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x32D
BVARHR_HI
Phase B accumulated total reactive energy, MSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x335
BVA_ACC
Phase B accumulated total apparent power, updated after PWR_TIME
4 kSPS samples.
32
0x00000000
R
0x336
BVAHR_LO
Phase B accumulated total apparent energy, LSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x337
BVAHR_HI
Phase B accumulated total apparent energy, MSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x349
BFVAR_ACC
Phase B accumulated fundamental reactive power, updated after
PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x34A
BFVARHR_LO
Phase B accumulated fundamental reactive energy, LSBs. Updated
according to the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x34B
BFVARHR_HI
Phase B accumulated fundamental reactive energy, MSBs. Updated
according to the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x35D
CWATT_ACC
Phase C accumulated total active power, updated after PWR_TIME 4 kSPS
samples.
32
0x00000000
R
0x35E
CWATTHR_LO
Phase C accumulated total active energy, LSBs. Updated according to the
settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x35F
CWATTHR_HI
Phase C accumulated total active energy, MSBs. Updated according to the
settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x367
CVAR_ACC
Phase C accumulated total reactive power, updated after PWR_TIME
4 kSPS samples.
32
0x00000000
R
0x368
CVARHR_LO
Phase C accumulated total reactive energy, LSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x369
CVARHR_HI
Phase C accumulated total reactive energy, MSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x371
CVA_ACC
Phase C accumulated total apparent power, updated after PWR_TIME
4 kSPS samples.
32
0x00000000
R
0x372
CVAHR_LO
Phase C accumulated total apparent energy, LSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x373
CVAHR_HI
Phase C accumulated total apparent energy, MSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x385
CFVAR_ACC
Phase C accumulated fundamental reactive power, updated after
PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x386
CFVARHR_LO
Phase C accumulated fundamental reactive energy, LSBs. Updated
according to the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x387
CFVARHR_HI
Phase C accumulated fundamental reactive energy, MSBs. Updated
according to the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x397
PWATT_ACC
Accumulated Positive Total Active Power, MSBs, from AWATT, BWATT and
CWATT registers, updated after PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x39B
NWATT_ACC
Accumulated Negative Total Active Power, MSBs, from AWATT, BWATT and
CWATT registers, updated after PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x39F
PVAR_ACC
Accumulated Positive Total Reactive Power, MSBs, from AVAR, BVAR and
CVAR registers, updated after PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x3A3
NVAR_ACC
Accumulated Negative Total Reactive Power, MSBs, from AVAR, BVAR and
CVAR registers, updated after PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x400
IPEAK
Current peak register.
32
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com