Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 100 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 96Page - Analog Devices ADE9078 Datasheet HTML 97Page - Analog Devices ADE9078 Datasheet HTML 98Page - Analog Devices ADE9078 Datasheet HTML 99Page - Analog Devices ADE9078 Datasheet HTML 100Page - Analog Devices ADE9078 Datasheet HTML 101Page - Analog Devices ADE9078 Datasheet HTML 102Page - Analog Devices ADE9078 Datasheet HTML 103Page - Analog Devices ADE9078 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 99 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x481 CONFIG1
15
EXT_REF
Set this bit if using an external voltage reference.
0x0
R/W
[14:13] RESERVED
Reserved.
0x0
R
12
IRQ0_ON_IRQ1
Set this bit to combine all the interrupts onto a
single interrupt pin, IRQ1, instead of using two
pins, IRQ0 and IRQ1. Note that the IRQ0 pin still
indicates the enabled IRQ0 events while in this
mode and the IRQ1 indicates both IRQ1 and IRQ0
events.
0x0
R/W
11
BURST_EN
Set this bit to enable burst read functionality on
the registers from Address 0x500 to Address 0x6FF.
Note that this bit disables the CRC being
appended to SPI register reads.
0x0
R/W
10
RESERVED
Reserved.
0x0
R
[9:8]
PWR_SETTLE
These bits configure the time for the power and
filter based rms measurements to settle before
starting the power, energy and CF accumulations.
0x0
R/W
0: 64 ms.
1: 128 ms.
2: 256 ms.
3: 0 ms.
[7:6]
RESERVED
Reserved.
0x0
R
5
CF_ACC_CLR
Set this bit to clear the accumulation in the digital
to frequency converter and CFDEN counter. Note
that this bit automatically clears itself.
0x0
W
4
RESERVED
Reserved.
0x0
R
[3:2]
CF4_CFG
These bits select which function to output on the
CF4 pin.
0x0
R/W
00 CF4, from digital to frequency converter.
01 CF4, from digital to frequency converter.
10 EVENT.
11 DREADY.
1
CF3_CFG
This bit selects which function to output on the
CF3 pin.
0x0
R/W
0 CF3, from digital to frequency converter.
1 Zero Crossing output selected by the ZX_SEL bits
in the ZX_LP_SEL register.
0
SWRST
Set this bit to initiate a software reset. Note that
this bit is self clearing.
0x0
W1
0x490 CFMODE
15
CF4DIS
CF4 output disable. Set this bit to disable the CF4
output and bring the pin high. Note that when this
bit is set, the CFx bit in STATUS0 is not set when a
CF pulse is accumulated in the digital to frequency
converter.
0x0
R/W
14
CF3DIS
CF3 output disable--see CF4DIS.
0x0
R/W
13
CF2DIS
CF2 output disable--see CF4DIS.
0x0
R/W
12
CF1DIS
CF1 output disable--see CF4DIS
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com