Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 68 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 64Page - Analog Devices ADE9078 Datasheet HTML 65Page - Analog Devices ADE9078 Datasheet HTML 66Page - Analog Devices ADE9078 Datasheet HTML 67Page - Analog Devices ADE9078 Datasheet HTML 68Page - Analog Devices ADE9078 Datasheet HTML 69Page - Analog Devices ADE9078 Datasheet HTML 70Page - Analog Devices ADE9078 Datasheet HTML 71Page - Analog Devices ADE9078 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 67 of 107
xVGAIN
HPF
VOLTAGE PEAK
DETECTION
REFERENCE
VP
VIN
IN
+1V
ANALOG INPUT RANGE
0V
–1V
ADE9078 VOLTAGE CHANNEL
SINC4
LPF
4:1
WF_SRC
WF_CAP_SEL
HPFDIS
TOTAL ACTIVE AND
REACTIVE POWER
CALCULATION
ZX_SRC_SEL
TOTAL VOLTAGE RMS
VA POWER
CALCULATIONS
FUNDAMENTAL
REACTIVE POWER
CALCULATIONS
NOTE: VCONSEL SUPPORTS SEVERAL 3-WIRE AND 4-WIRE HARDWARE CONFIGURATIONS
100
VA = VA – VB;
VB = VA – VC;
VC = VC – VB;
VB = –VA
VB = –VA – VC
VB = VA – VC
011
010
001
000
RESAMPLED WAVEFORM
RANGE
0V
0V
0V
0xFBFF_FB90 =
–67,110,000
0x0471_15C0 =
+74,520,000
0x0474_E650 =
+74,770,000
0V
VOLTAGE CHANNE L (xV_PCF)
DATA RANGE
SINC4 + IIR LPF (xV_LPF_DAT)
DATA RANGE
SINC4 OUTPUT (xV_SINC_DAT)
DATA RANGE
0x0400_0470 =
+67,110,000
0x46B4 =
+18,100
0xB94C =
–18,100
0xFB8B_19B0 =
–74,770,000
0xFB8E_EA40 =
–74,520,000
WAVEFORM
BUFFER
RESAMPLING
VCONSEL*
4 kSPS
NOT AVAILABLE IN ADE9078 PSM1
Figure 105. Voltage Channel Datapath
FIXED DATA RATE WAVEFORMS
Fixed data rate waveforms from the signal chain can be stored
into the waveform buffer from the sources shown in Table 27.
Table 27. Fixed Data Rate Waveform Sources
Source
WF_SRC
Data Rate
(kSPS)
32-Bit Data
Format
Sinc4 Outputs
0
16
According to
Figure 106
Sinc4 + IIR LPF
Output
2
4
According to
Figure 106
Waveforms
Processed by the
DSP (xI_PCF,
xV_PCF)
3
4
5.27 format
The 24-bit sinc4 and sinc4 + IIR LPF data is stored as 32 bits in
the waveform buffer by shifting left by 4 bits and sign extended.
ADC_DATA[23:0]
0000
SE
Figure 106. Format for the ADC Data Stored in the Waveform Buffer,
x_SINC_DAT, and x_LPF_DAT Registers
Table 27 indicates the WF_SRC selection for each fixed data rate
waveform source. Each fixed data rate sample is 32-bit; however,
the data format varies between the three sources, as indicated in
Table 27. When the waveform buffer is enabled, the data from all
seven channels is stored into the buffer. One sample set consists of
one sample per channel, seven samples total, which are taken at
the same point in time.
Figure 107 shows how the fixed data rate samples are stored into
the buffer. Every sample set is separated in memory from the
adjacent one by the use of spare cells, which do not contain any
sample data, as shown in Figure 107. In this way, every eighth
32-bit memory location in the buffer is reserved as a spare cell.
If the seventh channel is disabled, with the WF_IN_EN bit in
the WFB_CFG register = 0, the IN sample locations are treated
as spare cells as well.
0 xFFF
0
31
IN, IF WFB_CFG.WF_IN_EN = 1
SPARE CELL, IF WFB_CFG.WF_IN_EN = 0
SPARE CELL
IN
0x807
0x806
0x805
0x804
0x803
0x802
0x801
0x800
VC
IC
IN
VC
IC
VB
IB
VA
IA
Figure 107. Fixed Data Rate Waveform Sample Storage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com