Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 61 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 57Page - Analog Devices ADE9078 Datasheet HTML 58Page - Analog Devices ADE9078 Datasheet HTML 59Page - Analog Devices ADE9078 Datasheet HTML 60Page - Analog Devices ADE9078 Datasheet HTML 61Page - Analog Devices ADE9078 Datasheet HTML 62Page - Analog Devices ADE9078 Datasheet HTML 63Page - Analog Devices ADE9078 Datasheet HTML 64Page - Analog Devices ADE9078 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 60 of 107
VBC 220V
VC
90°
0.353V
90°
3
VBA 220V
30°
0.353V
30°
3
VAC 220V
VB
150°
0.353V
150°
3
VCONSEL[2:0] = 100
CALCULATED VA, VB, VC
VAP
VBP
VCP
VAN
AGND
DGND
VBN
VCN
220V
–120°
220V
120°
PHASE A
PHASE B
220V
0°
Figure 93. 3-Wire Delta, Series Impedance on Phase B and VCONSEL = 100
The VA, VB, and VC waveforms computed inside the ADE9078
for the 3-wire delta with series impedance on Phase B and
VCONSEL = 100 are shown in the time domain in Figure 93
and correspond to the phasor diagram shown in Figure 92.
Phase sequence error detection is performed with the
expectation that the VC waveform leads VA (see the Phase
Sequence Error Detection section for more information).
In a Blondel compliant 3-wire delta meter, only the overall
power consumed by the system is meaningful; the individual
phase powers are not meaningful because a line current is
multiplied by a line to line voltage. To calculate the overall
power consumed by the system (active, reactive, and apparent),
add the contribution from Phase A and Phase C.
APPLYING THE ADE9078 TO A NON-BLONDEL
COMPLIANT, 4-WIRE WYE SERVICE
To use the ADE9078 in a non-Blondel compliant 4-wire wye
service, such as for ANSI Meter Forms 6S, 7S, 14S, 29S, 36S,
46S, 76S, the Phase A and Phase C voltages are measured and
the Phase B voltage is calculated, VB = VA − VC. All three phase
currents are measured. For this configuration, write
VCONSEL = 010 and connect as shown in Figure 94.
VAP
VBP
VCP
VAN
AGND
DGND
NEUTRAL
VBN
VCN
VBN
VB
220V
–120°
–120°
0.353V
220V
120°
120°
0.353V
PHASE C
VCN
VC
PHASE A
PHASE B
VAN
VA
220V
0°
220V
–120°
220V
120°
PHASE C
PHASE A
PHASE B
220V
0°
0.353V
0°
VCONSEL = 010
VA, VB, VC
Figure 94. Non-Blondel Compliant 4-Wire Wye
The phasor diagram follows Figure 83. Phase sequence error
detection is performed based on the expected ABC sequence
(see the Phase Sequence Error Detection section for more
information).
To calculate the total power (active, reactive, and apparent), add
the contribution from Phase A, Phase B, and Phase C.
APPLYING THE ADE9078 TO A NON-BLONDEL
COMPLIANT, 4-WIRE DELTA SERVICE
To use the ADE9078 in a non-Blondel compliant 4-wire delta
service, such as for ANSI Meter Forms 8S, 15S, and 24S, measure
the Phase A and Phase C voltages and calculate the Phase B
voltage, VB = −VA. All three phase currents are measured. For
this configuration, write VCONSEL = 011 in the ACCMODE
register and connect as shown in Figure 95.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com