Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078 Datasheet(PDF) 106 Page - Analog Devices

Part # ADE9078
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078 Datasheet(HTML) 106 Page - Analog Devices

Back Button ADE9078 Datasheet HTML 100Page - Analog Devices ADE9078 Datasheet HTML 101Page - Analog Devices ADE9078 Datasheet HTML 102Page - Analog Devices ADE9078 Datasheet HTML 103Page - Analog Devices ADE9078 Datasheet HTML 104Page - Analog Devices ADE9078 Datasheet HTML 105Page - Analog Devices ADE9078 Datasheet HTML 106Page - Analog Devices ADE9078 Datasheet HTML 107Page - Analog Devices ADE9078 Datasheet HTML 108Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 105 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x4B4 CRC_FORCE
[15:1]
RESERVED
Reserved.
0x0
R
0
FORCE_CRC_UPDATE
Write this bit to force the configuration register
CRC calculation to start. When the calculation is
complete, the CRC_DONE bit is set in the
STATUS1 register.
0x0
R/W
0x4B5 CRC_OPTEN
15
CRC_WFB_TRG_CFG_EN
Set this bit to include the WFB_TRG_CFG register
in the configuration register CRC calculation.
0x0
R/W
14
CRC_WFB_PG_IRQEN
Set this bit to include the WFB_PG_IRQEN register
in the configuration register CRC calculation.
0x0
R/W
13
CRC_WFB_CFG_EN
Set this bit to include the WFB_CFG register in the
configuration register CRC calculation.
0x0
R/W
12
CRC_SEQ_CYC_EN
Set this bit to include the SEQ_CYC register in the
configuration register CRC calculation.
0x0
R/W
11
CRC_ZXLPSEL_EN
Set this bit to include the ZX_LP_SEL register in
the configuration register CRC calculation.
0x0
R/W
10
CRC_ZXTOUT_EN
Set this bit to include the CRC_ZXTOUT_EN
register in the configuration register CRC
calculation.
0x0
R/W
9
CRC_APP_NL_LVL_EN
Set this bit to include the APP_NL_LVL register in
the configuration register CRC calculation.
0x0
R/W
8
CRC_REACT_NL_LVL_EN
Set this bit to include the REACT_NL_LVL register
in the configuration register CRC calculation.
0x0
R/W
7
CRC_ACT_NL_LVL_EN
Set this bit to include the ACT_NL_LVL register in
the configuration register CRC calculation.
0x0
R/W
[6:3]
RESERVED
Reserved.
0x0
R
2
CRC_EVENT_MASK_EN
Set this bit to include the EVENT_MASK register in
the configuration register CRC calculation.
0x0
R/W
1
CRC_MASK1_EN
Set this bit to include the MASK1 register in the
configuration register CRC calculation.
0x0
R/W
0
CRC_MASK0_EN
Set this bit to include the MASK0 register in the
configuration register CRC calculation.
0x0
R/W
0x4B8 PSM2_CFG
[15:9]
RESERVED
Reserved.
0x0
R
[8:5]
PKDET_LVL
These bits configure the PSM2 low power
comparator peak current detection Level, listed as
the input signal level with respect to full scale. The
register value is retained in PSM2 and PSM3. It
returns to its default value if PSM0 is entered.
0x0
R/W
0000 100:1.
0001 200:1.
0010 300:1.
0011 400:1.
0100 500:1.
0101 600:1.
0110 700:1.
0111 800:1.
1000 900:1.
1001 1000:1.
1010 1100:1.
1011 1200:1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com