Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 26 of 107
Table 8. Power Modes (PSM0, PSM1, PSM2, and PSM3)
PSMx
Power
Mode
Description
PM1
Pin
PM0
Pin
Power
Consumption
Functions Available
SPI
Available
Retained Registers
When Switching into
Power Mode
PSM0
Normal mode
0
0
10 mA
All functions.
Yes
Not applicable
PSM1
Tamper
measurement
mode
0
1
9 mA
Active and reactive power, IRMS, VRMS, all
calculated using the PSM1 computation method.
ZX, period, and angle measurements are available.
The neutral current channel, waveform buffer, and
energy/power/CF accumulations are disabled.
Yes
Not applicable
PSM2
Current peak
detect mode
1
0
115 µA
Current peak detect.
No
PSM2_CFG
PSM3
Idle
1
1
50 nA
None.
No
PSM2_CFG
Power-On Sequence
HOST CONFIGURES
IC VIA SPI AND THEN
WRITES RUN
REGISTER TO START
MEASUREMENTS
20ms
0.5ms
0
~26ms
ADE9078
RSTDONE
INTERRUPT
TRIGGERED
CRYSTAL
OSCILLATOR
STARTS
POR TIMER
TURNED ON
AVDD, DVDD
LDO TURNED
ON
POWER APPLIED
TO IC
IN PSM0, PSM1
Figure 39. Power-On Sequence for PSM0 and PSM1
After power is applied to the VDD pin of the ADE9078, the
device checks the state of the PM0 and PM1 pins to check the
power supply mode (see the Power Modes section for more
information). If in PSM1 or PSM0 (PM1, PM0 = 00 or 01) and
if the RESET pin is high, the AVDD and DVDD LDOs turn on
after VDD reaches 2.4 V to 2.6 V. If the RESET pin is low, the
AVDD and DVDD LDOs are not turned on. Note that a clamp
limits the current used to charge the AVDD and DVDD LDOs
to approximately 17 mA per LDO. The power supply source must
be able to handle approximate charge current of 40 mA.
When AVDD and DVDD are both above 1.3 V to 1.5 V and
VDD is above 2.4 V to 2.6 V, a 20 ms timer is started to allow
additional time for the supplies to reach their normal potentials
(VDD between 2.7 V and 3.6 V, AVDD at 1.9 V, and DVDD at
1.7 V). After this timer has elapsed, the crystal oscillator starts.
The RSTDONE interrupt is triggered approximately 26 ms later,
bringing the IRQ1 pin low and setting the RSTDONE bit in the
STATUS1 register. This RSTDONE interrupt indicates to the
user that the ADE9078 has finished its power-up sequence.
Then, the user can configure the IC via the SPI (see the Quick
Start section for a list of important registers to configure). After
configuring the device, write the run register to start the DSP so
that it starts making measurements. Note that registers from
Address 0x000 through Address 0x0FF and Address 0x400
through Address 0x5FF are restored to their default values
during power-on. Registers from Address 0x200 through
Address 0x3FF are cleared within 500 µs from when the run
register value changes from 0x0000 to 0x0001. Also note that
the waveform buffer, Address 0x800 through Address 0xFFF, is
not cleared after reset.
In PSM2 and PSM3, the AVDD and DVDD LDOs are not
turned on. The RSTDONE interrupt does not occur and the SPI
port is not available (see the Power Modes section for more
information on these modes).
Brownout Detection
Power-on reset (POR) circuits monitor the VDD, AVDD, and
DVDD supplies. If AVDD or DVDD drop below a threshold
between 1.3 V and 1.5 V, or VDD drops below a threshold between
2.4 V and 2.6 V, the IC is held in reset. If the power-on sequence
begins again, the ADE9078 waits until AVDD and DVDD are
above 1.3 V to 1.5 V and VDD is above 2.4 V to 2.6 V to start
the 20 ms POR timer. A RSTDONE interrupt on the IRQ1 pin
indicates when the ADE9078 can be reinitialized via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com