Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 63 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 63 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 61Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 62Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 64Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 62 of 107
ACCESSING ON-CHIP DATA
SPI PROTOCOL OVERVIEW
The ADE9078 has a SPI-compatible interface, consisting of four
pins: SCLK, MOSI, MISO, and SS. The ADE9078 is always a SPI
slave—it never initiates SPI communication. The SPI interface
is compatible with 16-bit and 32-bit read/write operations. See
the Register Information section for information about the
length of each register.
Figure 96 shows the connection between the ADE9078 SPI and
a master device that contains a SPI interface.
ADE9078
SPI MASTER
MOSI
MISO
SCLK
SS
MOSI
MISO
SCK
CS
Figure 96. Connecting the ADE9078 Slave SPI Port to a Master SPI Device
The SS pin is the chip select input. It starts the SPI
communication with the ADE9078.
There are three parts to the ADE9078 SPI protocol: first a 16-bit
command is sent, which indicates whether to perform a read or
write operation and which register to access. This is followed by
the 16- or 32-bit data to write, in the case of a SPI write, or the
data read from the register, in the case of a SPI read operation.
Finally, in the case of a SPI read operation, a cyclic redundancy
check (CRC) of the register data follows, unless the address is in a
region that supports burst reading, in which case the data from
the next register follows (see the SPI Burst Read section for
more information).
The SS input must stay low for the whole SPI transaction. Bringing
SS high during a data transfer operation aborts the transfer. A
new transfer can be initiated by returning the SS logic input low.
It is not recommended to tie SS to ground because the high to
low transition on SS starts the ADE9078 SPI transaction.
Data shifts into the device at the MOSI logic input on the falling
edge of SCLK, and the device samples the input data on the rising
edge of SCLK. Data shifts out of the ADE9078 at the MISO logic
output on the falling edge of SCLK and must be sampled by the
master device on the rising edge of SCLK. The MSB of the word
is shifted in and out first.
MISO has an internal weak pull-up of 100 kΩ, making the default
state of the MISO pin high. It is possible to share the SPI bus with
multiple devices, including multiple ADE9078 devices, if desired.
The ADE9078 is compatible with the following microcontroller
SPI port clock polarity and phase settings: CPOL = 0 and
CPHA = 0 (typically Mode 0) or CPOL = 1 and CPHA = 1
(typically Mode 3).
Note that the default state of the MOSI pin depends on the
master SPI device. In Figure 97, Figure 98, and Figure 100, it is
assumed to be high (Logic 1).
SCLK
MOSI
CMD_HDR = 0x6078
MISO
AIRMS AT 0x607 32 BITS
AIRMS AT 0x607 32 BITS BIRMS AT 0x608 32 BITS
31
SS
CRC, 16 BITS
0 15
0
15
0
31
0
MISO
31
0
BURST_EN = 0
ADDRESS 0x500 TO
ADDRESS 0x6FF
BURST_EN = 1,
ADDRESS 0x500 TO
ADDRESS 0x6FF
Figure 97. SPI Read Protocol Example—CRC or Next Data Can Follow
31
SCLK
MOSI
MISO
SS
CMD_HDR = 0x00B0
AVGAIN AT 0x00B
0
15
0
Figure 98. SPI Write Protocol Example
The maximum serial clock frequency supported by this
interface is 10 MHz.
The SPI read/write operation starts with a 16-bit command
(CMD_HDR), which contains the following information:
CMD_HDR, Bits[15:4] are the 12 MSBs of the command
header, and contains the address of the register (ADDR,
Bits[11:0]) to be read or written.
CMD_HDR, Bit 3 is the bit that specifies if the current
operation is read/write. Set this bit to 1 for read and 0 for
write.
CMD_HDR, Bits[2:0] are required for internal chip timing
and can be 1s or 0s. Note that these bits are read back as
000 in the LAST_CMD register.
Figure 99 shows the information contained in the command
header.
15
32
0
ADDR[11:0]
R/W
xxx
READ = 1
WRITE = 0
DON’T CARE BITS
ADDRESS TO BE ACCESSED
Figure 99. Command Header, CMD_HDR, Bits[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com