Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 20 of 107
TERMINOLOGY
Differential Input Voltage Range and Maximum Operating
Voltage on VxP, VxN, IxP, and IxN Analog Input Pins
The differential input range describes the maximum difference
between the IxP and IxN or VxP and VxN pins. The maximum
operating voltage given in Table 1 describes the maximum
voltage that can be present on each pin, including any common-
mode voltage. Figure 28 illustrates the maximum input between
xP and xM, which is seen in the application when a current
transformer with center tapped burden resistor is used. Figure 29
illustrates the maximum input voltage range between xP and xN
when a pseudo differential input is applied, as is commonly
seen when sensing the line voltage.
+0.1V
0
+0.6V
–0.4V
0x0474 E650 =
+74,770,000
0xFB8B 19B0 =
–74,770,000
CHANNEL (x_PCF) WAVEFORM
DATA RANGE WITH x_GAIN = 1
xP INPUT PIN
xM INPUT PIN
+0.1V
+0.6V
–0.4V
Figure 28. Maximum Input Signal with Differential Antiphase Input with
Common-Mode Voltage = 0.1 V Gain = 1
+0.1V
0
+0.6V
-0.4V
+0.1V
0x0474 E650 =
+74,770,000
0xFB8B 19B0 =
–74,770,000
CHANNEL (x_PCF) WAVEFORM
DATA RANGE WITH x_GAIN = 2
xP INPUT PIN
xM INPUT PIN
Figure 29. Maximum Input Signal with Pseudo Differential Input with
Common-Mode Voltage = 0.1 V, Gain = 2 (x_GAIN = 2)
Crosstalk
Crosstalk is measured by grounding one channel and applying a
full-scale 50 Hz or 60 Hz signal on all the other channels. The
crosstalk is equal to the ratio between the grounded ADC output
value and its ADC full-scale output value. The ADC outputs are
acquired for 100 sec. Crosstalk is expressed in decibels.
Differential Input Impedance (DC)
The differential input impedance represents the impedance
between the pair IxP and IxN or VxP and VxN. It varies with
the PGA gain selection as indicated in Table 1.
ADC Offset
ADC offset is the difference between the average measured
ADC output code with both inputs connected to GND and the
ideal ADC output code of zero. ADC offset is expressed in
microvolts.
ADC Offset Drift over Temperature
The ADC offset drift is the change in offset over temperature.
It is measured at −40°C, +25°C, and +85°C. The offset drift over
temperature is computed as follows:






C
25
C
85
C
25
C
85
,
C
25
C
40
C
25
C
40
max
Offset
Offset
Offset
Offset
Drift
Offset drift is expressed in μV/°C.
Gain Error
The gain error in the ADCs represents the difference between the
measured ADC output code (minus the offset) and the ideal
output code when an external voltage reference of 1.2 V is used (see
the Voltage Reference section). The difference is expressed as a
percentage of the ideal code. It represents the overall gain error
of one channel.
Gain Drift over Temperature
This temperature coefficient includes the temperature variation
of the ADC gain while using an external voltage reference of
1.2 V. It represents the overall temperature coefficient of one
current or voltage channel. With an external voltage reference
of 1.2 V in use, the ADC gain is measured at −40°C, +25°C, and
+85°C. Then the temperature coefficient is computed as follows:





C
25
C
85
C)
25
(
C
25
C
85
,
C
25
C
40
C)
25
(
C
25
C
40
max
Gain
Gain
Gain
Gain
Gain
Gain
Drift
Gain drift is measured in ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com