Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 96 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 96 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 92Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 94Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 95Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 96Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 97Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 98Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 99Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 95 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
1
REVAPA
Set this bit to enable an interrupt when the Phase A
total active power has changed sign.
0x0
R/W
0
EGYRDY
Set this bit to enable an interrupt when the power
values in the xWATTHR, xVAHR, xVARHR, and
xFVARHR registers have been updated, after
EGY_TIME 4 kSPS samples or line cycles,
depending on the EGY_TMR_MODE bit in the
EP_CFG register.
0x0
R/W
0x406 MASK1
31
ERROR3
Set this bit to enable an interrupt if ERROR3
occurs. Issue a software reset or hardware reset to
clear this error.
0x0
R/W
30
ERROR2
Set this bit to enable an interrupt if ERROR2
occurs.
0x0
R/W
29
ERROR1
This interrupt is not maskable. Issue a software
reset or hardware reset to clear this error.
0x0
R/W
28
ERROR0
This interrupt is not maskable. Issue a software
reset or hardware reset to clear this error.
0x0
R/W
27
CRC_DONE
Set this bit to enable an interrupt when the
configuration register CRC calculation is done,
after initiated by writing the FORCE_CRC_UPDATE
bit in the CRC_FORCE register.
0x0
R/W
26
CRC_CHG
Set this bit to enable an interrupt if any of the
registers monitored by the configuration register
CRC change value. The CRC_RSLT register holds
the new configuration register CRC value.
0x0
R/W
[25:19] RESERVED
Reserved.
0x0
R
18
SEQERR
Set this bit to set an interrupt when on a phase
sequence error on the phase voltage zero
crossings.
0x0
R/W
[17:16] RESERVED
Reserved.
0x0
R
15
ZXIC
Set this bit to set an interrupt when a zero crossing
has been detected on the Phase C current channel.
0x0
R/W
14
ZXIB
Set this bit to set an interrupt when a zero crossing
has been detected on the Phase B current channel.
0x0
R/W
13
ZXIA
Set this bit to set an interrupt when a zero crossing
has been detected on the Phase A current channel.
0x0
R/W
12
ZXCOMB
Set this bit to set an interrupt when a zero crossing
has been detected on the combined signal from
VA, VB, and VC.
0x0
R/W
11
ZXVC
Set this bit to set an interrupt when a zero crossing
has been detected on the Phase C voltage channel.
0x0
R/W
10
ZXVB
Set this bit to set an interrupt when a zero crossing
has been detected on the Phase B voltage channel.
0x0
R/W
9
ZXVA
Set this bit to set an interrupt when a zero crossing
has been detected on the Phase A voltage channel.
0x0
R/W
8
ZXTOVC
Set this bit to set an interrupt when there is a zero
crossing timeout on Phase C. This means that a
zero crossing on the Phase C voltage is missing.
0x0
R/W
7
ZXTOVB
Set this bit to set an interrupt when there is a zero
crossing timeout on Phase B. This means that a
zero crossing on the Phase B voltage is missing.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com